Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFP Datasheet(PDF) 1 Page - TT Electronics.

Part # MFP
Description  Smallest size for power rating
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

MFP Datasheet(HTML) 1 Page - TT Electronics.

  MFP Datasheet HTML 1Page - TT Electronics. MFP Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Flameproof Power
Metal Film Resistors
MFP Series
Smallestsizeforpowerrating
Resistancerange0.1ohmsto1Mohms
Flameproofprotection
SurfacemountZI-formoption
Flameproof Power
Metal Film Resistors
MFP Series
• Smallest size for power rating
• Resistance range 0.1 ohms to 1M ohms
• Flameproof protection
MFP1
MFP2
Power rating at 70°C
watts
<1 Ω: 0.7
>=1 Ω: 1.0
2
Resistance range
ohms
0R1 – 1M
1R0 – 1M
Limiting element voltage
volts
350
TCR
ppm/°C
< 1 Ω: 300
1 Ω - 9.1 Ω: 200
≥10 Ω: 50
100
Resistance tolerance
%
1, 2, 5
Standard values
E24 preferred
Thermal impedance
°C/watt
120
82
Ambient temperature range
°C
-55 to 155
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
© Welwyn Components Limited · Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Electrical Data
Issue D · 03.06
A subsidiary of
TT electronics plc
Welwyn Components
143
Marking
Resistors are colour coded with 4 or 5 bands depending on
value and tolerance. IEC 62 colours are used.
Solvent Resistance
The body protection and marking are resistant to all normal
industrial cleaning solvents suitable for printed circuits.
Flammability
The resistor coating will not burn or emit incandescent
particles under any condition of applied temperature or
power overload.
Construction
The resistance element is a precisely controlled thin film of
metal alloy on a high purity ceramic core, protected by a
cement coating applied so that terminations remain
completely clear. This permits a well defined body length
(clean lead to clean lead dimension L).
Terminations
Material
Solder-coated copper wire.
Strength
The terminations meet the requirements of
IEC 68.2.21
Solderability The terminations meet the requirements of
IEC 115-1, Clause 4.17.3.2
Dimensions (mm) & Weight (g)
PCB
Min.
mounting
bend
Type
L Max
D Max
f min
d nom
centres
radius
Wt.nom
MFP1
6.2
2.5
21.0
0.6
10.2
0.6
0.3
MFP2
10.0
4.0
27.0
0.8
18.4
1.2
0.55
Physical Data
L
D
f
d
Flameproof Power
Metal Film Resistors
MFP Series
• Smallest size for power rating
• Resistance range 0.1 ohms to 1M ohms
• Flameproof protection
MFP1
MFP2
Power rating at 70°C
watts
<1 Ω: 0.7
>=1 Ω: 1.0
2
Resistance range
ohms
0R1 – 1M
1R0 – 1M
Limiting element voltage
volts
350
TCR
ppm/°C
< 1 Ω: 300
1 Ω - 9.1 Ω: 200
≥10 Ω: 50
100
Resistance tolerance
%
1, 2, 5
Standard values
E24 preferred
Thermal impedance
°C/watt
120
82
Ambient temperature range
°C
-55 to 155
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
© Welwyn Components Limited · Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Electrical Data
Issue D · 03.06
A subsidiary of
TT electronics plc
Welwyn Components
143
Marking
Resistors are colour coded with 4 or 5 bands depending on
value and tolerance. IEC 62 colours are used.
Solvent Resistance
The body protection and marking are resistant to all normal
industrial cleaning solvents suitable for printed circuits.
Flammability
The resistor coating will not burn or emit incandescent
particles under any condition of applied temperature or
power overload.
Construction
The resistance element is a precisely controlled thin film of
metal alloy on a high purity ceramic core, protected by a
cement coating applied so that terminations remain
completely clear. This permits a well defined body length
(clean lead to clean lead dimension L).
Terminations
Material
Solder-coated copper wire.
Strength
The terminations meet the requirements of
IEC 68.2.21
Solderability The terminations meet the requirements of
IEC 115-1, Clause 4.17.3.2
Dimensions (mm) & Weight (g)
PCB
Min.
mounting
bend
Type
L Max
D Max
f min
d nom
centres
radius
Wt.nom
MFP1
6.2
2.5
21.0
0.6
10.2
0.6
0.3
MFP2
10.0
4.0
27.0
0.8
18.4
1.2
0.55
Physical Data
L
D
f
d
Resistors
AllpartsarePb-freeandcomplywithEUDirective2011/65/EU(RoHS2)
06.16
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com
BI Technologies IRC Welwyn


Similar Part No. - MFP

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
MFP WELWYN-MFP Datasheet
394Kb / 2P
Flameproof Power Metal Film Resistors
logo
YAGEO Corporation
MFP YAGEO-MFP Datasheet
634Kb / 13P
Through Hole Resistors
July 14, 2022 V.1
MFP-12 YAGEO-MFP-12 Datasheet
634Kb / 13P
Through Hole Resistors
July 14, 2022 V.1
MFP-12ABA YAGEO-MFP-12ABA Datasheet
634Kb / 13P
Through Hole Resistors
July 14, 2022 V.1
MFP-12ABB YAGEO-MFP-12ABB Datasheet
634Kb / 13P
Through Hole Resistors
July 14, 2022 V.1
More results

Similar Description - MFP

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
MFR4P TTELEC-MFR4P Datasheet
343Kb / 2P
smallest size for power rating
logo
List of Unclassifed Man...
SDP31 ETC2-SDP31 Datasheet
951Kb / 14P
Smallest size enables portable applications
logo
WALSIN TECHNOLOGY CORPO...
MK06S WALSIN-MK06S Datasheet
269Kb / 7P
Power rating and compact size
MR18X WALSIN-MR18X Datasheet
418Kb / 7P
High power rating and compact size
WF25P WALSIN-WF25P Datasheet
620Kb / 9P
High power rating and compact size
WF25H WALSIN-WF25H Datasheet
186Kb / 7P
High power rating and compact size
WF25S WALSIN-WF25S Datasheet
237Kb / 7P
Power rating and compact size
WK12L WALSIN-WK12L Datasheet
478Kb / 8P
High power rating and compact size
WK25S WALSIN-WK25S Datasheet
263Kb / 7P
High power rating and compact size
WK25S_J WALSIN-WK25S_J Datasheet
267Kb / 7P
Power rating and compact size
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com