Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFR Datasheet(PDF) 2 Page - TT Electronics.

Part # MFR
Description  Optional RoHS compliant or Lead bearing wire finishes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

MFR Datasheet(HTML) 2 Page - TT Electronics.

  MFR Datasheet HTML 1Page - TT Electronics. MFR Datasheet HTML 2Page - TT Electronics. MFR Datasheet HTML 3Page - TT Electronics. MFR Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Metal Film Resistors
MFR Series
Metal Film Resistors
MFR Series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Welwyn Components
136
Graph 1 – Load for 1000 hours at 70°C: maximum changes
Graph 2 – Load for 1000 hours at 70°C: maximum changes
CECC 40101-019
Actual Performance
Requirements
Maximum
Typical
Load at commercial rating : 1000 hours at 70°C
∆
1
h
p
a
r
G
eeS
8.0
%
R
Load at CECC rating :
1000 hours at 70°C
∆R %
2
0.5
See Graph 1
Shelf life :
12 months at room temperature
∆R %
Not Specified
0.1
0.07
C
°
551
t
a
o
r
e
z
g
n
itare
D
Short term overload
∆R %
0.5
0.25
0.03
Climatic
∆R %
2
0.5
0.2
65
/
521
/
55
y
r
o
g
eta
c
c
ita
m
il
C
Long term damp heat
∆R %
2
0.5
0.3
Temperature rapid change
∆R %
0.5
0.25
0.05
Resistance to solder heat
∆R %
0.5
0.25
0.02
Vibration and bump
∆R %
0.5
0.1
0.01
7
0.0
1.0
d
e
if
i
c
e
p
s
to
N
V/V
µ
)
y
c
neu
qe
r
f
f
o
eda
c
ed
a
n
i(
.
e
s
i
o
N
G1
>
G1
>
G1
>
s
mh
o
e
c
n
a
t
s
i
s
e
r
n
oit
a
lu
s
nI
n
i
m
004
n
i
m
004
n
i
m
053
s
tl
o
v
f
oo
r
p
e
g
a
tl
oV
Pulse handling
Data available upon request
Performance Data - Type MFR 3
CECC 40101-019
CECC 40101-803
Actual Performance
Requirements
Requirements
Maximum
Typical
Load at commercial rating :
1000 hours at 70°C
∆
2
h
p
a
r
G
eeS
8.0
%
R
Load at CECC rating :
1000 hours at 70°C
∆R %
2
1
0.5
See Graph 2
Shelf life :
12 months at room temperature
∆R %
Not specified
Not Specified
0.1
0.07
C
°
551
t
a
o
r
e
z
C
°
551
t
a
o
r
e
z
g
n
itare
D
Short term overload
∆R %
0.5
0.25
0.25
0.01
Climatic
∆R %
2
1
0.5
0.2
65
/
521
/
55
65
/
521
/
55
y
r
o
g
eta
c
c
ita
m
il
C
Long term damp heat
∆R %
2
1
0.5
0.3
Temperature rapid change
∆R %
0.5
0.25
0.25
0.04
Resistance to solder heat
∆R %
0.5
0.25
0.25
0.07
Vibration and bump
∆R %
0.5
0.25
0.1
0.01
Noise. (in a decade of frequency)
µV/V
Not Specified
Not Specified
0.1
0.1
Insulation resistance
ohms
>1G
>1G
>1G
>1G
n
i
m
005
n
i
m
005
n
i
m
004
n
i
m
005
s
tl
o
v
f
oo
r
p
e
g
a
tl
oV
t
s
e
uq
e
r
nopu
e
l
b
a
li
a
v
a
a
t
a
D
g
n
il
d
nah
e
s
l
uP
Performance Data - Type MFR 4
*
* CECC requirements are included for reference only; CECC release is not available on MFR3
Make Possible
07.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com