Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCB-PB Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # PCB-PB
Description  Environmentally-friendly cadmium-free contacts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

PCB-PB Datasheet(HTML) 1 Page - TE Connectivity Ltd

  PCB-PB Datasheet HTML 1Page - TE Connectivity Ltd PCB-PB Datasheet HTML 2Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
10-2014, Rev. 1014
www.te.com
© 2014 Tyco Electronics Corporation,
a TE Connectivity Ltd. company.
Catalog and product specification according
to IEC 61810-1 and to be used only together
with the ‘Definitions’ section.
Catalog and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Catalog product data, ‘Definitions’ section,
application notes and all specifications are
subject to change.
SCHRACK
General Purpose
Low Power PCB Relays
Miniature Power PCB Relay PB
n
1pole 10A, 1 form C (CO) or 1 form A (NO)
n
Environmentally-friendly cadmium-free contacts
n
Class F coil system standard
n
Compact and simple design gives high process security
n
Product in accordance to IEC 60335-1
Typical applications
White goods, small home appliances, heating temperature controllers.
Approvals
VDE Cert. No. 40008364, UL E214025
Technical data of approved types on request.
Contact Data
Contact arrangement
1 form C (CO) or 1 form A (NO)
Rated voltage
250VAC
Max. switching voltage
400VAC
Rated current
10A
Limiting making current, max 4 s, duty factor 10% 15A
Breaking capacity max.
2500VA
Contact material
AgNi 90/10, AgSnO
2
Frequency of operation, with/without load
360/36000h-1
Operate/release time max.
10/20ms
Bounce time max., form A/form B
10/15ms
Contact ratings
Type
Contact
Load
Cycles
IEC 61810
PB114; PB113
A/B (NO/NC) 10A/3A, 250VAC, cos
φ=1, 85°C 30x103
PB114
A of C
10A, 250VAC, cos
φ=1, 85°C
30x103
PB134; PB133
A (NO)
10A, 250VAC, cos
φ=1, 85°C
20x103
PB134
A (NO)
6.5A, 440VAC, cos
φ=1, 85°C
50x103
PB634
A (NO)
8.5A, 250VAC, cos
φ=1, 85°C
100x103
PB634
A (NO)
10A, 250VAC, cos
φ=1, 85°C
60x103
UL 508
PB1x4
A (NO)
10A, 250VAC, cos
φ=1, 85°C
20x103
Mechanical endurance, DC coil
5x106 operations
Coil Data
PB1
PB5
PB6
Coil voltage range
5 to 48 VDC 5 to 24 VDC 5 to 24 VDC
Operative range, IEC 61810
2
2
2
Coil versions, DC coil
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
Ω±10%
mW
Coil versions, DC-coil, 360mW
005
5
3.75
0.5
70
357
006
6
4.50
0.6
100
360
009
9
6.75
0.9
225
360
012
12
9.00
1.2
400
360
018
18
13.50
1.8
900
360
022
22
16.50
2.2
1344
360
024
24
18.00
2.4
1600
360
048
48
36.00
4.8
6400
360
Coil versions, DC-coil, 500mW
005
5
3.75
0.5
48
521
006
6
4.5
0.6
69
522
012
12
9
1.2
274
526
024
24
18
2.4
1097
525
All figures are given for coil without pre-energization, at ambient temperature +23°C.
Other coil voltages on request.
Insulation Data
Initial dielectric strength
between open contacts
1000Vrms
between contact and coil
2500Vrms
Clearance/creepage
between contact and coil
form C (CO) version
≥3/4mm
form A (NO) version
≥4/5mm
Material group of insulation parts
IIIa
Tracking index of relay base
PTI250
Z


Similar Part No. - PCB-PB

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
PCB-PE TEC-PCB-PE Datasheet
253Kb / 2P
General Purpose Relays PCB Relays
More results

Similar Description - PCB-PB

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
FTR-F2 FUJITSU-FTR-F2 Datasheet
607Kb / 8P
POWER RELAY 1 POLE-5A (CADMIUM FREE CONTACTS TYPE)
FTR-F2P FUJITSU-FTR-F2P Datasheet
597Kb / 8P
1 POLE-120A Inrush Current (CADMIUM FREE CONTACTS TYPE)
FTR-K2 FUJITSU-FTR-K2 Datasheet
556Kb / 8P
POWER RELAY 1 POLE-16A (CADMIUM FREE CONTACTS TYPE)
NYP-12W-K-IE FUJITSU-NYP-12W-K-IE Datasheet
307Kb / 7P
POWER RELAY 1 POLE-5 A (CADMIUM FREE CONTACTS TYPE)
VH-12 FUJITSU-VH-12 Datasheet
92Kb / 4P
POWER RELAY 1 POLE-16 A (CADMIUM FREE CONTACTS TYPE)
logo
List of Unclassifed Man...
RC0402JR-073K3L ETC2-RC0402JR-073K3L Datasheet
309Kb / 9P
Halogen Free Epoxy Reducing environmentally
logo
International Rectifier
IRL6283MPBF IRF-IRL6283MPBF_15 Datasheet
508Kb / 9P
Environmentally Friendly Product
logo
ZETTLER Electronics
RA2 ZETTLER-RA2 Datasheet
226Kb / 3P
Cadmium - free contacts
logo
Laird Tech Smart Techno...
MS3 LSTD-MS3 Datasheet
541Kb / 2P
Environmentally friendly
AA-100-24-44-00-XX LSTD-AA-100-24-44-00-XX Datasheet
1Mb / 3P
Environmentally friendly solid state operation ??no compressor or CFC refrigerants
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com