Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRC Datasheet(PDF) 2 Page - TT Electronics.

Part # MRC
Description  Superior surge handling capability
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

MRC Datasheet(HTML) 2 Page - TT Electronics.

  MRC Datasheet HTML 1Page - TT Electronics. MRC Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Metal Glaze™ High Power Density
Surface Mount Power Resistor
MRC Series
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Wirewound and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
MRC Series
Metal Glaze
TM High Power Density
Surface Mount Power Resistor
MRC Series Issue April 2010 Sheet 2 of 2
Sample Part No.
IRC Type
(MRC 1/2)
Temperature Coefficient
50 ppm, 100 ppm, 200 ppm
Resistance Value
(100Ω and greater - First 3 significant figures plus 4th digit multiplier)
Example: 100Ω = 1000, 1000Ω = 1001, 150,000Ω = 1503
(Less than 100Ω - "R" is used to designate decimal)
Example: 51Ω = 51R0, 1Ω = 1R00, 0.25Ω = R250
Tolerance
(C = 0.25%, D = 0.5%, F = 1.0%, G = 2.0%, J = 5.0%)
Packaging Code*
(BLK = Bulk, 7 = 7" Reel, 13 = 13" Reel)
RoHS Compliance
LF = RoHS compliant version
Ordering Data
Power Derating Curve
Repetitive Surge Curve
MRC 1/2
1
10
100
1000
0.0001
0.001
0.01
0.1
1
Surge or Pulse Duration (seconds)
Note: Use for repetitive pulses where the average power dissipation
is not to exceed the component rating at 70°C. Surge handling capacity
for low-repetitive surges may be significantly greater than shown above.
Contact factory for recommendations.
0
5
1
0
7
5
2
100
60
0
Ambient Temperature (°C)
MRC1/2
100
1000
F
13
LF
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Wirewound and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
MRC Series
Metal Glaze
TM High Power Density
Surface Mount Power Resistor
MRC Series Issue April 2010 Sheet 2 of 2
Sample Part No.
IRC Type
(MRC 1/2)
Temperature Coefficient
50 ppm, 100 ppm, 200 ppm
Resistance Value
(100Ω and greater - First 3 significant figures plus 4th digit multiplier)
Example: 100Ω = 1000, 1000Ω = 1001, 150,000Ω = 1503
(Less than 100Ω - "R" is used to designate decimal)
Example: 51Ω = 51R0, 1Ω = 1R00, 0.25Ω = R250
Tolerance
(C = 0.25%, D = 0.5%, F = 1.0%, G = 2.0%, J = 5.0%)
Packaging Code*
(BLK = Bulk, 7 = 7" Reel, 13 = 13" Reel)
RoHS Compliance
LF = RoHS compliant version
Ordering Data
Power Derating Curve
Repetitive Surge Curve
MRC 1/2
1
10
100
1000
0.0001
0.001
0.01
0.1
1
Surge or Pulse Duration (seconds)
Note: Use for repetitive pulses where the average power dissipation
is not to exceed the component rating at 70°C. Surge handling capacity
for low-repetitive surges may be significantly greater than shown above.
Contact factory for recommendations.
0
5
1
0
7
5
2
100
60
0
Ambient Temperature (°C)
MRC1/2
100
1000
F
13
LF
Make Possible
01.16
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com
Physical Data
IRC Type
Size Code
Industry
Footprint
Actual Size
Dimensions (Inches and (mm))
L
W
C
MRC 1/2
C
1206
0.128 ± 0.007
(3.25 ± 0.18)
0.063 ± 0.010
(1.60 ± 0.25)
0.020 ± 0.010
(0.51 ± 0.25)
L
C
W



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com