Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NQS Datasheet(PDF) 2 Page - TT Electronics.

Part # NQS
Description  Resistor Networks
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

NQS Datasheet(HTML) 2 Page - TT Electronics.

  NQS Datasheet HTML 1Page - TT Electronics. NQS Datasheet HTML 2Page - TT Electronics. NQS Datasheet HTML 3Page - TT Electronics. NQS Datasheet HTML 4Page - TT Electronics. NQS Datasheet HTML 5Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Nichrome Resistor Networks
on Ceramic Substrates
NQS Series
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
© TT electronics plc
10.13
Mechanical
Lead Plating
100% matte Tin (RoHS)
Lead Material
Copper Alloy
Lead Configuration
Gull Wing
Lead Coplanarity
0.004” (0.102mm)
Substrate Material
Alumina
Resistor Material
Nichrome
Body Material
Molded Epoxy
NQS16A
NQS20A
NQS20B
NQS24A
Ohms
Code
Ohms
Code
Ohms
Code
Ohms
Code
1K
1001
3K
3001
10K
1002
3K
3001
10K
1002
267K
2673
-
-
-
-
34K
3402
-
-
-
-
-
-
47K
4702
-
-
-
-
-
-
100K
1003
-
-
-
-
-
-
Model
Package
Resistor
NQS16
0.8
0.1
NQS20
1.0
0.1
NQS24
1.0
0.1
Standard Resistance Values, Ohms
Power Dissipation, Watts At 70°C
Accuracy Code
A
B
D
F
G
J
Absolute Resistance Tolerances, at 25°C
±0.1%
±0.1%
±0.5%
±1.0%
±2%
±5%
Ratio Matching (Matched to R1)
±0.05%
±0.1%
±0.1%
±0.5%
NA
NA
Temperature Coefficient of Resistance
±25ppm/°C (Q)
±50ppm/°C (P)
±100ppm/°C
Temperature Coefficient of Resistance, Tracking
±5ppm/°C
Tolerances
OBSOLETE



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com