Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OLV2 Datasheet(PDF) 1 Page - TT Electronics.

Part # OLV2
Description  Radial format for direct insertion
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OLV2 Datasheet(HTML) 1 Page - TT Electronics.

  OLV2 Datasheet HTML 1Page - TT Electronics. OLV2 Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Open Air Low Value Shunt Resistors
OLV Series
Valuesdownto5mΩ
Low inductance
Widerangeofpowerratingsandvalues
Excellent current surge handling
Radialformatfordirectinsertion
RoHS compliant
Open Air Low Value
Shunt Resistors
OLV Series
•
Values down to 5mΩ
•
Low inductance
•
Wide range of power ratings and values
•
Excellent current surge handling
•
Radial format for direct insertion
•
RoHS compliant
Electrical Data
OLV1
OLV2
OLV3
Power rating at 70°C
watts
1
2
3
Overload (5 seconds)
watts
6.25
12.5
18.8
Resistance values
mΩ
5, 10, 15, 20, 25
5, 10, 15, 20, 25, 50
5, 10, 15, 20, 25, 50, 100
TCR
ppm/°C
±200
Resistance tolerance
%
±5
Ambient temperature range
°
C
-55 to 155
Physical Data
Dimensions (mm) & weight (g)
Type
Value
mΩ
P
±1
H
±1
D
±0.05
d
±0.05
Wt
nom
5
5.7
1.7
1.4
0.36
10
7.4
1.5
1.2
0.29
15
7.5
1.3
1
0.2
20
6.7
1.1
0.8
0.13
OLV1
25
11.4
5.7
1
0.7
0.08
5
7.5
1.3
1
0.21
10
12.4
1.7
1.4
0.62
15
12.4
1.5
1.2
0.39
20
12.1
1.3
1
0.28
25
14.5
1.3
1
0.3
OLV2
50
12.7
13.5
1
0.7
0.14
5
13.3
1.7
1.4
0.59
10
12.3
1.8
1.5
0.63
15
11.5
1.5
1.2
0.41
20
9.8
1.3
1
0.26
25
21.8
1.5
1.2
0.61
50
18.4
1.1
0.8
0.22
OLV3
100
15.2
22.5
0.9
0.6
0.16
Construction
The resistive element is a single piece of low TCR resistance wire which is cut and formed to value.
Terminations
The terminations are lancet formed for controlled PCB insertion height. The wire is tin plated and conforms to IEC
115-1 for solderability.
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own test data and is considered accurate at time of print.
Welwyn C omponents L imited
Welwyn Electronics Park, Bedlington, Northumberland, NE22 7AA, England. Tel: 01670 822181 Fax: 01670 829465 Web: www.welwyn-tt.com
Note: To be mounted in PCB with holes of diameter
D
The width of the compressed lancet is nominally
d + 0.6mm.
P
H
d
Resistance
Measurement Points
Seating plane
D
3mm
±0.5
Welwyn Components
Make Possible
Resistors
07.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com
OBSOLETE


Similar Part No. - OLV2

ManufacturerPart #DatasheetDescription
logo
SICK AG
OLV40-11134 SICK-OLV40-11134 Datasheet
656Kb / 5P
LINEAR MEASUREMENT SENSORS
2016-05-02
OLV80-11234 SICK-OLV80-11234 Datasheet
656Kb / 5P
LINEAR MEASUREMENT SENSORS
2016-05-02
More results

Similar Description - OLV2

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA70001 SANYO-LA70001 Datasheet
134Kb / 8P
Record/Playback Amplifiers for VHS Format VCRs
logo
List of Unclassifed Man...
167104K100A-F ETC2-167104K100A-F Datasheet
373Kb / 4P
Radial Box Metallized Polyester Capacitors for Automatic Insertion
logo
Tyco Electronics
WP-040040-25-9 MACOM-WP-040040-25-9 Datasheet
2Mb / 48P
Label format - Old format order code cross reference
logo
Molex Electronics Ltd.
62100-5110 MOLEX11-62100-5110 Datasheet
35Kb / 1P
Backplane Insertion Tool for Signal Contact Insertion
69127-5157 MOLEX11-69127-5157 Datasheet
36Kb / 1P
Insertion Blade for Connector
0691275030 MOLEX11-0691275030 Datasheet
37Kb / 1P
Insertion Blade for Connector
0691275127 MOLEX11-0691275127 Datasheet
37Kb / 1P
Insertion Blade for Connector
logo
Ohmite Mfg. Co.
RES-FCSL OHMITE-RES-FCSL Datasheet
526Kb / 2P
Designed for automatic insertion
RES-HVF OHMITE-RES-HVF Datasheet
404Kb / 2P
Designed for automatic insertion
logo
Molex Electronics Ltd.
0691275157 MOLEX-0691275157 Datasheet
20Kb / 1P
Insertion Blade for Connector
08/25/2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com