Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4540 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4540
Description  AC ??7 Codec with National 3D Sound
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4540 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM4540 Datasheet HTML 8Page - National Semiconductor (TI) LM4540 Datasheet HTML 9Page - National Semiconductor (TI) LM4540 Datasheet HTML 10Page - National Semiconductor (TI) LM4540 Datasheet HTML 11Page - National Semiconductor (TI) LM4540 Datasheet HTML 12Page - National Semiconductor (TI) LM4540 Datasheet HTML 13Page - National Semiconductor (TI) LM4540 Datasheet HTML 14Page - National Semiconductor (TI) LM4540 Datasheet HTML 15Page - National Semiconductor (TI) LM4540 Datasheet HTML 16Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Application Information
AC Link Serial Interface Protocol
AC Link Output Frame
The audio output frame (output from AC ’97 Controller) con-
tains control and PCM data targeted for the LM4540 control
registers and stereo DAC. The Tag slot, slot 0, contains 16
bits that tell the AC Link interface circuitry on the LM4540 the
validity of the following data slots.
A new audio output frame is signaled with a low to high tran-
sition of SYNC. SYNC is synchronous to the rising edge of
BIT_CLK. On the next rising edge of BIT_CLK, the AC ’97
Controller drives SD_OUT with the first bit of slot 0. The
LM4540 samples SD_OUT on the falling edge of BIT_CLK.
The AC ’97 Controller will continue outputting the SD_OUT
stream on each successive rising edge of BIT_CLK.
SD_OUT Slot 0: Tag Phase
The first bit of slot 0 is designated the
″Valid Frame″ bit. If
this bit is 1, it indicates that the current data frame contains
at least one slot of valid data and the LM4540 will further
sampled the next four bits to determine which frames do in
fact have valid data. Valid slots are signified bya1in their re-
spective slot bit position.
Bit
Description
Comment
15
Valid Frame
1 = Valid Frame
14
Control
register
address
1 = Valid slot
13
Control
register data
1 = Valid slot
12
Left Playback
PCM Data
1 = Valid slot
DS100906-4
FIGURE 3. AC 97 Bidirectional Audio Frame
DS100906-6
FIGURE 4. AC Link Audio Output Frame
DS100906-5
FIGURE 5. Start of Audio Output Frame
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com