Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPO2S681MND3555 Datasheet(PDF) 1 Page - Surge Components

Part # SPO2S681MND3555
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SURGE [Surge Components]
Direct Link  http://www.surgecomponents.com
Logo SURGE - Surge Components

SPO2S681MND3555 Datasheet(HTML) 1 Page - Surge Components

  SPO2S681MND3555 Datasheet HTML 1Page - Surge Components SPO2S681MND3555 Datasheet HTML 2Page - Surge Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATIONS
Item
Performance Characteristics
Category Temperature Range
-25 ~ +105℃
Working Voltage Range
400 ~ 450Vdc
Capacitance Range
68 ~ 680
μF
Capacitance Tolerance
±20%
(at 25℃ and 120Hz)
Dissipation Factor
(tanδ)
(at 25℃, 120Hz)
Rated Voltage (V)
400
420
450
tanδ(Max)
0.15
0.20
0.20
Leakage Current
I≤3
CV
I : Leakage current (μA) C : Rated capacitance (μF) V : Rated voltage (V)
Impress the rated voltage for 5 minutes.
Endurance
The following requirements shall be satisfied when the capacitor are restored to 25℃ after the rated voltage applied
for 2,000 hours at 105℃.
Capacitance change
≦ ±20% of the initial value
Dissipation factor(tanδ)
≦ 200% of the specified value
Leakage current
≦The initial specified value
Shelf Life
The following requirements shall be satisfied when the capacitor are restored to 25℃ after exposing them for 1,000
hours at 105℃ without voltage applied.
Capacitance change
≦ ±15% of the initial value
Dissipation factor(tanδ)
≦ 150% of the specified value
Leakage current
≦The initial specified value
Others
Conforms to JIS-C-5101-4 (1998), characteristic W.
DIMENSIONS (mm)
Terminal Code : ND : Standard
Terminal Code :K6 (ø35)
L+2 Max
4.0¡ À
0.5
Sleeve
Safety vent
PC board Pin-out
2-
2
Negative mark
-
+
L+2 Max
Vent
Sleeve
60¡
ã
60¡
ã
4- 2
PC board pin-out
Terminal B=positive
Terminal A&C=blank
6.3±1.0
*A
B
*C
-
PART NUMBERING SYSTEM( Example : 420V 680µF )
SPO Series
 Endurance with ripple current: 2,000 hours at 105℃
ALUMINUM ELECTROLYTIC CAPACITORS
Special Request
Size code(3555 : 35×55)
Terminal length code
Lead forming Type code
Capacitance tolerance code(M:±20%)
Capacitance code(680
μF)
Voltage code(420V)
Series code (SPO)
P
O
2
8
1
6
S
M N
D
3
5
5
5
S


Similar Part No. - SPO2S681MND3555

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
SPO-250-BULK FAIRVIEW-SPO-250-BULK Datasheet
557Kb / 3P
SPO-250 Low Loss Corrugated Coax Cable Black PE Jacket Superflexible Outdoor Rated
REV 1.0A
SPO-375-BULK FAIRVIEW-SPO-375-BULK Datasheet
562Kb / 3P
SPO-375 Low Loss Corrugated Coax Cable Black PE Jacket Superflexible Outdoor Rated
REV 1.0A
SPO-500-BULK FAIRVIEW-SPO-500-BULK Datasheet
565Kb / 3P
SPO-500 Low Loss Corrugated Coax Cable Black PE Jacket Superflexible Outdoor Rated
REV 1.0A
logo
Hanwha Vision Co., Ltd....
SPO-6011 HANWHAVISION-SPO-6011 Datasheet
10Mb / 4P
PoE Injector
SPO-8315 HANWHAVISION-SPO-8315 Datasheet
29Mb / 4P
PoE Injector
More results

Similar Description - SPO2S681MND3555

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
LAQ2D330MEL NICHICON-LAQ2D330MEL Datasheet
82Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCA2C100MHD NICHICON-UCA2C100MHD Datasheet
98Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCD1A220MCL NICHICON-UCD1A220MCL Datasheet
66Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UHD0J151MHD NICHICON-UHD0J151MHD Datasheet
87Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UFW0J331MPD NICHICON-UFW0J331MPD Datasheet
112Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
LLG2C561MELZ25 NICHICON-LLG2C561MELZ25 Datasheet
104Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UPB1A101MPD NICHICON-UPB1A101MPD Datasheet
79Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPV0J101MFD NICHICON-UPV0J101MFD Datasheet
67Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPW0J220MDD NICHICON-UPW0J220MDD Datasheet
112Kb / 5P
ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41112 EPCOS-B41112 Datasheet
771Kb / 13P
Aluminum electrolytic capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com