Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9012P Datasheet(PDF) 1 Page - Yea Shin Technology Co., Ltd

Part # 9012P
Description  General Purpose Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

9012P Datasheet(HTML) 1 Page - Yea Shin Technology Co., Ltd

  9012P Datasheet HTML 1Page - Yea Shin Technology Co., Ltd 9012P Datasheet HTML 2Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DATA SHEET
SEMICONDUCTOR
http://www.yeashin.com
1
REV.02 20120705
9012P-Q-R-S
General Purpose Transistors
PNP Silicon
MAXIMUM RATINGS
Symbol
Value
Unit
Collector-Emitter Voltage
VCEO
20
V
Collector-Base Voltage
VCBO
40
V
Emitter-Base Voltage
VEBO
5V
Collector current-continuoun
IC
500
mAdc
THERMAL CHARATEERISTICS
Symbol
Max
Unit
Total Device Dissipation FR-5 Board,
P D
225
mW
1.8
mW/
oC
Thermal Resistance, Junction to Ambient
R JA
556
oC/W
PD
300
mW
2.4
mW/
oC
Thermal Resistance, Junction to Ambient
R θJA
417
oC/W
Junction and Storage Temperature
Tj ,Tstg
-55 to +150
oC
DEVICE MARKING
ELECTRICAL CHARACTERISTICS (TA
=25
oC unless otherwise noted)
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage
V(BR)CEO
20
-
-
V
(IC=1.0mA)
Emitter-Base Breakdown Voltage
V(BR)EBO
5-
-
V
(IE=100
Collector-Base Breakdown Voltage
V(BR)CBO
40
-
-
V
(IC=100
A)
Collector Cutoff Current (VCB=35V)
ICBO
--
150
nA
Emitter Cutoff Current (VBE=4V)
IEBO
150
nA
Characteristic
Total Device Dissipation
Derate above 25
oC
Rating
TA=25
oC
Derate above 25
oC
Alumina Substrate, TA=25
oC
Characteristic
SOT-23 (TO-236AB)
2
EMITTER
3
COLLECTOR
1
BASE
θ
A)
µ
µ
FEATURE
ORDERING INFORMATION
Device
Shipping
SOT-23
Package
9012P=12P
9012Q=12Q
9012R=12R
9012S=12S
We declare that the material of product compliance with RoHS requirements.
9012X
3000/Tape&Reel
H


Similar Part No. - 9012P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9012 ETC1-9012 Datasheet
178Kb / 3P
NAND GATES/HEX INVERTERS
logo
RHOPOINT COMPONENTS
9012 RHOPOINT-9012 Datasheet
90Kb / 2P
Miniature SIP Relays
logo
Daya Electric Group Co....
9012 DAYA-9012 Datasheet
2Mb / 1P
TO-92 Plastic-Encapsulate Transistors
logo
Coto Technology
9012 COTO-9012 Datasheet
279Kb / 2P
9011, 9012 9117 Miniature SIP Relays
logo
Foshan Blue Rocket Elec...
9012 FOSHAN-9012 Datasheet
1Mb / 6P
Silicon PNP transistor
Rev.E Mar.-2016
More results

Similar Description - 9012P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
106Kb / 7P
General Purpose Transistors
March, 2007 ??Rev. 3
logo
SeCoS Halbleitertechnol...
EMX1 SECOS-EMX1 Datasheet
516Kb / 3P
General Purpose Transistors
logo
ON Semiconductor
MMBT2131T1 ONSEMI-MMBT2131T1_06 Datasheet
66Kb / 4P
General Purpose Transistors
January, 2006 ??Rev. 4
MMBT2222LT1G ONSEMI-MMBT2222LT1G_09 Datasheet
132Kb / 7P
General Purpose Transistors
October, 2009 ??Rev. 9
logo
WILLAS ELECTRONIC CORP
MMBT3906TT1 WILLAS-MMBT3906TT1 Datasheet
378Kb / 6P
General Purpose Transistors
2SA812XLT1 WILLAS-2SA812XLT1 Datasheet
351Kb / 5P
General Purpose Transistors
BC817-XXLT1 WILLAS-BC817-XXLT1 Datasheet
164Kb / 3P
General Purpose Transistors
logo
First Silicon Co., Ltd
BC807S FS-BC807S Datasheet
107Kb / 3P
General Purpose Transistors
BC847E FS-BC847E Datasheet
427Kb / 5P
General Purpose Transistors
logo
Shanghai Leiditech Elec...
L9012PLT1G LEIDITECH-L9012PLT1G Datasheet
273Kb / 2P
General Purpose Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com