Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFC-HT Datasheet(PDF) 1 Page - TT Electronics.

Part # PFC-HT
Description  Available in industry standard 0603
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

PFC-HT Datasheet(HTML) 1 Page - TT Electronics.

  PFC-HT Datasheet HTML 1Page - TT Electronics. PFC-HT Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
High Temperature
TaNFilm® Chip Resistors
PFC HT Series
Available in industry standard 0603, 0805 and 1206 chip sizes
Goldand100%tin(Pb-free)terminationsavailable
Self-passivatingTaNFilm®element
AbsoluteTCRto±25ppm/°C
IRC Advanced Film Division
General Note
IRC reserves the right to make changes in product specication without notice or liability .
All information is subject to IRC’s own data and is considered accurate at time of going to print.
A subsidiary of
TT electronics plc
• Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Email: afdsales@irctt.com • Website: www.irctt.com
PFC Hi Temp Series Issue May 2005
Wrap around
termination
Ultra stable Tantalum Nitride
resistor film system
resistor film system
High Temperature
TaNFilm® Chip Resistors
®
®
PFC HT Series
• Available in industry standard 0603, 0805 and 1206 chip sizes
• Gold and 100% tin (Pb-free) terminations available
• Self-passivating TaNFilm® element
®
®
• Absolute TCR to ±25ppm/°C
Physical Data
L
a
W
H
b
TO P
SIDE
BOTT OM
L
W
H
a
b
W0603
W0805
W1206
Electrical Data
Model
Ohmic Range
Absolute TCR
Rated
Power
Rated Voltage
(not to exceed
rated power)
Temperature
Range
Termination
Substrate
W0603HT
10
Ω to 10KΩ
±100ppm/°C
0.0625W
33.3V
-55°C to 200°C
Gold and 100%
tin (Pb-free)
99.5%
Alumina
25
Ω to 10KΩ
±50ppm/°C
50
Ω to 10KΩ
±25ppm/°C
W0805HT
10
Ω to 20KΩ
±100ppm/°C
0.100W
50V
25
Ω to 20KΩ
±50ppm/°C
50
Ω to 20KΩ
±25ppm/°C
W1206HT
5
Ω to 85KΩ
±100ppm/°C
0.125W
100V
25
Ω to 85KΩ
±50ppm/°C
50
Ω to 85KΩ
±25ppm/°C
0.063 ±0.004
(1.6 ±0.1)
0.081 ±0.005
(2.06 ±0.13)
0.126 ±0.006
(3.2 ±0.15)
0.031 ±0.004
(0.79 ±0.1)
0.05 ±0.005
(1.27 ±0.13)
0.063 ±0.005
(1.6 ±0.13)
0.02 ±0.004
(0.51 ±0.1)
0.02 ±0.006
(0.51 ±0.15)
0.024 ±0.004
(0.61 ±0.1
0.012 ±0.005
(0.3 ±0.13)
0.015 ±0.008
(0.38 ±0.2)
0.025 ±0.01
(0.64 ±0.25)
0.015 ±0.005
(0.38 ±0.13)
0.016 ±0.008
(0.41 ±0.2)
0.025 ±0.01
(0.64 ±0.25)
Resistors
Make Possible
07.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com
AllPb-freepartscomplywithEUDirective2011/65/EU(RoHS2)


Similar Part No. - PFC-HT

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
PFC-HTD TTELEC-PFC-HTD Datasheet
385Kb / 2P
Gold and 100% matte tin terminations available
More results

Similar Description - PFC-HT

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
008289010006113 AVX-008289010006113 Datasheet
54Kb / 2P
Available in industry standard sizes of 10-64 positions
008290010000011 AVX-008290010000011 Datasheet
48Kb / 2P
Available in industry standard sizes of 10-64 positions
008290034001011 AVX-008290034001011 Datasheet
48Kb / 2P
Available in industry standard sizes of 10-64 positions
logo
Seoul Semiconductor
ERT801-S SEOUL-ERT801-S Datasheet
342Kb / 13P
Industry Standard PLCC SMT package Available in multiple colors
logo
Advanced Crystal Techno...
ACT_HC49_U_STANDARD ACT-ACT_HC49_U_STANDARD Datasheet
501Kb / 4P
family is available in industry standard package and specifications
20-11-2012
ACT_UM5_SMD_GULL_WING ACT-ACT_UM5_SMD_GULL_WING Datasheet
305Kb / 2P
available in industry standard package & specifications
29/06/11
logo
Grayhill, Inc
38BX-4-H-3-N GRAYHILL-38BX-4-H-3-N Datasheet
216Kb / 1P
Drop-In Replacement for Industry Standard
logo
List of Unclassifed Man...
PLB124050 ETC2-PLB124050 Datasheet
361Kb / 10P
Industry standard 3020 in PLCC-2
logo
TT Electronics.
MIL-CHIP TTELEC-MIL-CHIP Datasheet
449Kb / 3P
Four industry standard sizes available
logo
Laird Tech Smart Techno...
EXS LSTD-EXS Datasheet
283Kb / 1P
Available in various standard connectors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com