Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLO Datasheet(PDF) 2 Page - TT Electronics.

Part # PLO
Description  3 watts to 15 watts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

PLO Datasheet(HTML) 2 Page - TT Electronics.

  PLO Datasheet HTML 1Page - TT Electronics. PLO Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Extremely Low Resistance
Power Wirewounds
PLO Series
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Sample Part No.
IRC Type
PLO
Power
5 = 5 watts
(see specification chart for other power ratings)
Resistance Range
Expressed in ohms
(Standard EIA/MIL values)
Tolerance
F = ±1%, G = ±2%, H = ±3%, J = ±5%, K = ±10% standard
Ordering Data
PLO
5
R020
F
Temperature Rise Chart
Power Derating Curve
250
200
150
100
50
0
0
20
40
60
80
100
120
Percent Rated Load
PLO-3
PLO-5
PLO-7
PLO-15
PLO-10
100
80
60
40
20
0
0
50
100
150
200
250
Ambient Temperature (°C)
PLO-3, 5, 7, 10
PLO-15
Max. Recommended
Ambient Operating
Temperature 150°C
Extremely Low Resistance
Power Wirewounds
25 40
PLO Series Issue November 2008 Sheet 2 of 2
Make Possible
07.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com
Ordering Procedure
This product has two valid part numbers:
European (Welwyn) Part Number: PLO3-R01JI (PLO3, 10 milliohms ±5%, Pb-free)
P L O 3
-
R 0
1
J
I
1
2
3
4
5
USA (IRC) Part Number: PLO3R010JLF (PLO3, 10 milliohms ±5%, Pb-free)
P L O 3
R
0
1
0
J
L F
1
2
3
4
5
1
2
3
4
5
Type
Configuration
Value
Tolerance Packing & Termination Finish
PLO3 Omit for Standard R = ohms F* = ±1%
I = Standard packing & Pb-free
PLO5
A = Alternate
G = ±2%
Bulk pack
PLO7
H = ±3%
PLO10
J* = ±5%
PLO15
K = ±10%
* preferred
1
2
3
4
5
Type
Configuration
Value
Tolerance Packing & Termination Finish
PLO3 Omit for Standard R = ohms F* = ±1%
Omit for SnPb
PLO5
A = Alternate
G = ±2%
LF = Pb-free
PLO7
H = ±3%
Bulk pack
PLO10
J* = ±5%
PLO15
K = ±10%
* preferred



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com