Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPW Datasheet(PDF) 2 Page - TT Electronics.

Part # PPW
Description  resistance to or1 ohms to 5k ohms
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

PPW Datasheet(HTML) 2 Page - TT Electronics.

  PPW Datasheet HTML 1Page - TT Electronics. PPW Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Semi-Precision Power
Wirewound Resistors
PPW Series
05.16
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com
BI Technologies IRC Welwyn
Ordering Procedure
This product has two valid part numbers:
European (Welwyn) Part Number: PPW5-15RFI (PPW5, 15 ohms ±1%, Pb-free)
P P W 5
-
1
5
R F
I
1
2
3
4
5
USA (IRC) Part Number: PPW515R0FLF (PPW5, 15 ohms ±1%, Pb-free)
P P W 5
1
5 R
0
F
L F
1
2
3
4
5
1
2
3
4
5
Type
Configuration
Value
Tolerance Packing & Termination Finish
PPW2 Omit for Standard R = ohms
K = kilohms
F = ±1%
I = Standard packing & Pb-free
PPW3
A = Alternate
G = ±2%
Bulk pack
PPW5
H = ±3%
PPW7
PPW10
PPW15
1
2
3
4
5
Type
Configuration
Value
Tolerance Packing & Termination Finish
PPW2 Omit for Standard 3 digits + multiplier
F = ±1%
Omit for SnPb
PPW3
A = Alternate
R = ohms for values
<100 ohms
G = ±2%
LF = Pb-free
PPW5
H = ±3%
Bulk pack
PPW7
PPW10
PPW15



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com