Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4543 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4543
Description  AC ??7 Codec with National 3D Sound
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4543 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM4543 Datasheet HTML 8Page - National Semiconductor (TI) LM4543 Datasheet HTML 9Page - National Semiconductor (TI) LM4543 Datasheet HTML 10Page - National Semiconductor (TI) LM4543 Datasheet HTML 11Page - National Semiconductor (TI) LM4543 Datasheet HTML 12Page - National Semiconductor (TI) LM4543 Datasheet HTML 13Page - National Semiconductor (TI) LM4543 Datasheet HTML 14Page - National Semiconductor (TI) LM4543 Datasheet HTML 15Page - National Semiconductor (TI) LM4543 Datasheet HTML 16Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Application Information (Continued)
Bit
Description
Comment
11
Right
Playback
PCM Data
1 = Valid slot
SD_OUT Slot 1: Control Address
Slot 1 is used both to write to the LM4543 registers as well
as read back a register’s current value. The MSB of Slot 1
(bit 19) signifies whether the current control operation is a
read or a write. BIts 18 through 12 are used to specify the
register address of the read or write operation. The least sig-
nificant twelve bits are reserved and should be stuffed with
zeros by the AC’97 controller.
Bits
Description
Comment
19
Read/Write
0 = Write, 1 = Read
18:12
Control
Register
Identifies the Control
Register
11:0
Reserved
Set to
″0″
SD_OUT Slot 2: Control Data
Slot 2 is used to transmit 16 bit control data to the LM4543 in
the event that the current operation is a write operation. The
least significant four bits should be stuffed with zeros by the
AC ’97 controller. If the current operation is a register read,
the entire slot, bits 19 through 0 should be stuffed with zeros.
Bits
Description
Comment
19:4
Control
Register Write
Data
Set bits to
″0″ if read
operation
3:0
Reserved
Set to
″0″
SD_OUT Slot 3: PCM Playback Left Channel
Slot 3 is a 20 bit field used to transmit data intended for the
left DAC on the LM4543. Any unused bits should be padded
with zeros. The LM4543 DAC’s have 18 bit resolution and
thus will use the first 18 bits of the 20 bit PCM stream.
Bits
Description
Comment
19:0
PCM Audio
Data for Left
DAC
Set unused bits to
″0″
SD_OUT Slot 4: PCM Playback Right Channel
Slot 4 is a 20 bit field used to transmit data intended for the
right DAC on the LM4543. Any unused bits should be pad-
ded with zeros. The LM4543 DAC’s have 18 bit resolution
and thus will use the first 18 bits of the 20 bit PCM stream.
Bits
Description
Comment
19:0
PCM Audio
Data for Right
DAC
Set unused bits to
″0″
SD_OUT Slots 5-12: Reserved
Set these SD_OUT slots to
″0″ as they are not currently
used and are reserved for future use.
AC Link Input Frame
The audio input frame (input to the AC ’97 Digital Controller)
contains status and PCM data from the LM4543 control reg-
isters and stereo ADC. The Tag slot, slot 0, contains 16 bits
that tell the AC ’97 Digital Controller whether the LM4543 is
ready and the validity of data from certain device subsec-
tions.
A new audio input frame is signaled with a low to high tran-
sition of SYNC. SYNC is synchronous to the rising edge of
BIT_CLK. On the next rising edge of BIT_CLK, the LM4543
drives SD_IN with the first bit of slot 0. The Digital Controller
samples SD_IN on the falling edge of BIT_CLK. The
LM4543 will continue outputting the SD_IN stream on each
successive rising edge of BIT_CLK. The LM4543 outputs
data MSB first, in a MSB justified format. All reserved bits
and slots are stuffed with
″0″ ’s by the LM4543.
SD_IN Slot 0: Codec Status Bits
The first bit of SD_IN Slot 0 (bit 15), if asserted (=
″1″), indi-
cates that the Codec is ready. The digital controller must
probe further to see which other subsections are ready.
DS100907-8
FIGURE 6. AC Link Audio Input Frame
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com