Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C3640C332DFGACTU Datasheet(PDF) 21 Page - Kemet Corporation

Part # C3640C332DFGACTU
Description  Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C3640C332DFGACTU Datasheet(HTML) 21 Page - Kemet Corporation

Back Button C3640C332DFGACTU Datasheet HTML 14Page - Kemet Corporation C3640C332DFGACTU Datasheet HTML 15Page - Kemet Corporation C3640C332DFGACTU Datasheet HTML 16Page - Kemet Corporation C3640C332DFGACTU Datasheet HTML 17Page - Kemet Corporation C3640C332DFGACTU Datasheet HTML 18Page - Kemet Corporation C3640C332DFGACTU Datasheet HTML 19Page - Kemet Corporation C3640C332DFGACTU Datasheet HTML 20Page - Kemet Corporation C3640C332DFGACTU Datasheet HTML 21Page - Kemet Corporation C3640C332DFGACTU Datasheet HTML 22Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
C1009_C0G_HV_SMD • 12/6/2016 21
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
High Voltage C0G Dielectric, 500 – 3,000 VDC (Commercial Grade)
Figure 7 – Tape Leader & Trailer Dimensions
Trailer
160 mm Minimum
Carrier Tape
END
START
Round Sprocket Holes
Elongated Sprocket Holes
(32 mm tape and wider)
Top Cover Tape
Top Cover Tape
Punched Carrier
8 mm & 12 mm only
Embossed Carrier
Components
100 mm
Minimum Leader
400 mm Minimum
Figure 8 – Maximum Camber
Carrier Tape
Round Sprocket Holes
1 mm Maximum, either direction
Straight Edge
250 mm
Elongated sprocket holes
(32 mm & wider tapes)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com