Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PWHW Datasheet(PDF) 1 Page - TT Electronics.

Part # PWHW
Description  Flameproof package
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

PWHW Datasheet(HTML) 1 Page - TT Electronics.

  PWHW Datasheet HTML 1Page - TT Electronics. PWHW Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Automotive Dropping Resistors
PWHW Series
TCR of 150 ppm/°C
Flameproof package
±5% Resistance Tolerance
Maximum Delta R over life <5%
Typicalresistancerangeof0.100Ωto0.900Ω
Packageratingsof30W,45W,&115Wforcontinuousoperationat125°C
General Note
IRC reserves the right to make changes in product specification without notice or liability.
All information is subject to IRC’s own data and is considered accurate at time of going to print.
A subsidiary of
TT electronics plc
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
PWHW Series
• TCR of 150 ppm/°C
• Flameproof package
• ±5% Resistance Tolerance
• Maximum Delta R over life <5%
• Typical resistance range of 0.100
Ω to 0.900Ω
• Package ratings of 30W, 45W, & 115W for continuous operation at 125°C
Automotive Dropping
Resistors
PWHW Series Products
• Fan Speed Control
• Daytime Running Lamps
• Fuel Pump
• Other Running Voltage Applications
PWHW Construction Accessories
• Lead Harness
• Connector
• Resettable or One Time Fuse
• Mounting Brackets and Relay Fasteners
Test
Condition
Duration
Short Time Overload
25°C
10 seconds @ 4x power
Intermittent Operating Life
25°C
400 cycles over 2000 hours
Weld Pull Test
20 lb min
Destructive test
Moisture No-Load Test
32°C / 95% RH
240 hours
Life Test
25°C
30K cycles
Steady State Load Life Test
125°C
160 hours
Low Temp Storage Test
-40°C
24 hours
Resistance to Freezing Test
-40°C
24 hours water soak, 12 hour dwell
Thermal Shock Test
25°C
Load temp water quench, 5 cycles
Salt Solution Soak Test
25°C
96 hours
Vibration Test
25°C
10 G per axis, linear sweep 100-250 hz
4 hours per axis minimum
Temp Cycle - Rated Power*
-40 to 115°C
30 cycles, 2 hour dwell per each extreme
Light Rain / Spray*
25°C
3.2 L/min for 10 minutes
Salt Mist Atmosphere*
25 to 75°C
3.2 L/min for 10 minutes, 96 hour power cycle
Temp Cycle Battery Potential*
-40 to 115°C
Battery potential and open return
Environmental Data
* DRL only
PWHW Series Issue December 2008 Sheet 1 of 2
General Note
IRC reserves the right to make changes in product specification without notice or liability.
All information is subject to IRC’s own data and is considered accurate at time of going to print.
A subsidiary of
TT electronics plc
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
PWHW Series
• TCR of 150 ppm/°C
• Flameproof package
• ±5% Resistance Tolerance
• Maximum Delta R over life <5%
• Typical resistance range of 0.100
Ω to 0.900Ω
• Package ratings of 30W, 45W, & 115W for continuous operation at 125°C
Automotive Dropping
Resistors
PWHW Series Products
• Fan Speed Control
• Daytime Running Lamps
• Fuel Pump
• Other Running Voltage Applications
PWHW Construction Accessories
• Lead Harness
• Connector
• Resettable or One Time Fuse
• Mounting Brackets and Relay Fasteners
Test
Condition
Duration
Short Time Overload
25°C
10 seconds @ 4x power
Intermittent Operating Life
25°C
400 cycles over 2000 hours
Weld Pull Test
20 lb min
Destructive test
Moisture No-Load Test
32°C / 95% RH
240 hours
Life Test
25°C
30K cycles
Steady State Load Life Test
125°C
160 hours
Low Temp Storage Test
-40°C
24 hours
Resistance to Freezing Test
-40°C
24 hours water soak, 12 hour dwell
Thermal Shock Test
25°C
Load temp water quench, 5 cycles
Salt Solution Soak Test
25°C
96 hours
Vibration Test
25°C
10 G per axis, linear sweep 100-250 hz
4 hours per axis minimum
Temp Cycle - Rated Power*
-40 to 115°C
30 cycles, 2 hour dwell per each extreme
Light Rain / Spray*
25°C
3.2 L/min for 10 minutes
Salt Mist Atmosphere*
25 to 75°C
3.2 L/min for 10 minutes, 96 hour power cycle
Temp Cycle Battery Potential*
-40 to 115°C
Battery potential and open return
Environmental Data
* DRL only
PWHW Series Issue December 2008 Sheet 1 of 2
Resistors
Make Possible
07.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com


Similar Part No. - PWHW

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PWH01NBT-C0 UTC-PWH01NBT-C0 Datasheet
246Kb / 4P
WHITE HIGH POWER LED
logo
RCD COMPONENTS INC.
PWH10-100 RCD-PWH10-100 Datasheet
45Kb / 1P
5W TO 50 WATT POWER RESISTORS CERAMIC ENCASED, RADIAL LEADS
PWH10-1000 RCD-PWH10-1000 Datasheet
45Kb / 1P
5W TO 50 WATT POWER RESISTORS CERAMIC ENCASED, RADIAL LEADS
PWH10-1001 RCD-PWH10-1001 Datasheet
45Kb / 1P
5W TO 50 WATT POWER RESISTORS CERAMIC ENCASED, RADIAL LEADS
PWH10-101 RCD-PWH10-101 Datasheet
45Kb / 1P
5W TO 50 WATT POWER RESISTORS CERAMIC ENCASED, RADIAL LEADS
More results

Similar Description - PWHW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FA80 ETC1-FA80 Datasheet
84Kb / 2P
Flameproof Power Oxide Resistors
logo
Welwyn Components Limit...
WMO-S WELWYN-WMO-S Datasheet
453Kb / 3P
FLAMEPROOF METAL OXIDE RESISTORS
logo
Willow Technologies Ltd
WW10 WILLOW-WW10 Datasheet
112Kb / 2P
FLAMEPROOF WIREWOUND RESISTORS
logo
Welwyn Components Limit...
WMO1S WELWYN-WMO1S Datasheet
459Kb / 3P
Flameproof Metal Oxide Resistors
logo
Ohmite Mfg. Co.
RES-METALOHM OHMITE-RES-METALOHM Datasheet
278Kb / 2P
Flameproof and inorganic
logo
TT Electronics.
MF-S TTELEC-MF-S Datasheet
304Kb / 3P
Flameproof protection
MO-S TTELEC-MO-S Datasheet
230Kb / 2P
Flameproof protection
logo
Stackpole Electronics, ...
MPR SEI-MPR Datasheet
242Kb / 4P
Flameproof Metal Plate Resistor
12/03/2020
RSPF SEI-RSPF Datasheet
365Kb / 6P
Flameproof Power Resistor
10/22/2020
logo
RFE international
FM25 RFE-FM25 Datasheet
1Mb / 2P
Fusible Flameproof Resistors
01-MAR-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com