Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PWP Datasheet(PDF) 2 Page - TT Electronics.

Part # PWP
Description  Ideally suited for medical applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

PWP Datasheet(HTML) 2 Page - TT Electronics.

  PWP Datasheet HTML 1Page - TT Electronics. PWP Datasheet HTML 2Page - TT Electronics. PWP Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Pulse Withstanding
Planar Resistors
PWP Series

TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
www.bitechnologies.com www.irctt.com www.welwyntt.com

12.11



Load at rated power: 1000 hours at 70˚C
R%
1
0.25
Dry heat: 1000 hours at 155˚C
R%
1
0.25
Shelf life: 12 months at room temperature
R%
0.3
<0.1
Derating from power at 70˚C
Zero at 155˚C
Climatic
R%
1
0.3
Climatic category
55/155/56
Long term damp heat
R%
1
0.3
Temperature rapid change
R%
0.25
0.02
Resistance to solder heat
R%
0.25
0.02

Pulse Withstanding Planar Resistors

PWP Series
Data based on testing performed at 100R
using Single Pulse conditions, i.e. with
mean power negligible compared to rated
power. The maximum allowed R is 1%.

TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
www.bitechnologies.com www.irctt.com www.welwyntt.com

12.11



Load at rated power: 1000 hours at 70˚C
R%
1
0.25
Dry heat: 1000 hours at 155˚C
R%
1
0.25
Shelf life: 12 months at room temperature
R%
0.3
<0.1
Derating from power at 70˚C
Zero at 155˚C
Climatic
R%
1
0.3
Climatic category
55/155/56
Long term damp heat
R%
1
0.3
Temperature rapid change
R%
0.25
0.02
Resistance to solder heat
R%
0.25
0.02

Pulse Withstanding Planar Resistors

PWP Series
Data based on testing performed at 100R
using Single Pulse conditions, i.e. with
mean power negligible compared to rated
power. The maximum allowed R is 1%.
Duration of Pulse (ms)
Single Pulse Energy Capacity
1000
100
10
1
0.1
0.01
0.1
1
10
100
PWP20
PWP15
PWP10
PWP08
PWP06
PWP04
Maximum Single Pulse Power
1,000,000
100,000
10,000
1,000
100
10
0.01
0.1
1
10
100
PWP20
PWP15
PWP10
PWP08
PWP06
PWP04
Duration of Pulse (ms)
Make Possible
07.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com