Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PWR Datasheet(PDF) 2 Page - TT Electronics.

Part # PWR
Description  Radial leads for PC mount
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

PWR Datasheet(HTML) 2 Page - TT Electronics.

  PWR Datasheet HTML 1Page - TT Electronics. PWR Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
General Purpose Stand-Up
Power Wirewound Resistor
PWR Series
05.16
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com
BI Technologies IRC Welwyn
General Purpose Stand-Up
Power Wirewound Resistor
PWR Series
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
© TT electronics plc
2.14
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
General Purpose Stand-Up
Power Wirewound Resistor
Temperature Rise Chart
300
200
100
0
0
20
40
60
80
100
120
Rated Power (%)
PWR - 7, 10
PWR - 3, 5
Power Derating Curve
100
80
60
40
0
50
100
150
200
250
Rated Power (%)
PWR - 7, 10
20
0
85
25
PWR - 3, 5
Sample Part No.
IRC Type
PWR
Power
Resistance Range
Tolerance
J = ±5%, K = ±10%
RoHS Indicator
LF indicates RoHS compliance
Ordering Data
PWR
10
1202
K
LF
PWR Series Issue November 2008 Sheet 2 of 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com