Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QDN005 Datasheet(PDF) 3 Page - TT Electronics.

Part # QDN005
Description  Low operating and clamping voltages
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

QDN005 Datasheet(HTML) 3 Page - TT Electronics.

  QDN005 Datasheet HTML 1Page - TT Electronics. QDN005 Datasheet HTML 2Page - TT Electronics. QDN005 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Surface Mount
TVS Diode Array
QDN005LF Series
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Surface Mount
TVS Diode Array
12
3
N
0.050" Typ
H
E
C
D
0.016" ± .002"
0.007" ±0.003"
A
0° min / 8° max
.033
"±0.017
Notes.
All dimesions exclude mold flash, end flash and metal
burrs which shall not exceed 0.015" per side.
Maximum lead coplanarity is 0.004".
QDN005
D
0.341"±0.004
H
0.236"±0.008
E
0.153"±0.004
A
0.061"±0.008
C
0.008"±0.002
Prefix
DNR - QDN005LF - 05 - T07
Model
QDN005LF = TVS Array in a 14-Pin SOIC-N Package
Characteristic Code
05 = 5.0V Reverse Standoff Voltage
12 = 12.0V Reverse Standoff Voltage
15 = 15.0V Reverse Standoff Voltage
24 = 24.0V ReverseStandoff Voltage
Packaging
BK = Tubes (56 count)
T07 = 7" Reel (500 count)
Ordering Data
Physical Data
QDN005LF Series Issue September 2010 Sheet 3 of 3
Make Possible
07.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com