Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RGT Datasheet(PDF) 2 Page - TT Electronics.

Part # RGT
Description  Stable thick-film technology
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

RGT Datasheet(HTML) 2 Page - TT Electronics.

  RGT Datasheet HTML 1Page - TT Electronics. RGT Datasheet HTML 2Page - TT Electronics. RGT Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Thick Film Temperature
Compensation Resistor
RGT Series
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Dimensions (Inches and (mm))
IRC Type
BL
(Body Length)
BD
(Body Diameter)
LD
(Lead Diameter)
LL
(Lead Length)
RGT-2
0.150
(3.81)
0.066
(1.70)
0.016
(0.41)
1.0
(25.4)
RGT-1
0.250
(6.35)
0.090
(2.29)
0.025
(0.64)
1.5
(38.1)
Resistance vs. Temperature
Physical Data
Thick Film Temperature
Compensation Resistor
°C
°F
R in
Ωs*
°C
°F
R in
Ωs*
°C
°F
R in
Ωs*
-60
-40
-30
-20
-10
0
+10
+20
+25
+30
-76
-40
-22
-4
+14
+32
+50
+68
+77
+86
1285.2
1208.5
1173.4
1139.3
1106.3
1074.6
1044.1
1014.6
1000.0
985.5
+40
+50
+60
+70
+75
+80
+90
+100
+110
+120
+104
+122
+140
+158
+167
+176
+194
+212
+230
+248
956.7
928.2
900.2
872.3
858.7
845.2
818.8
793.2
768.5
745.1
+125
+130
+140
+150
+160
+170
+180
+230
+257
+266
+284
+302
+320
+338
+356
+446
734.0
723.2
703.7
685.8
669.3
653.8
639.7
582.9
*Based on actual measurements of resistors that were 1000 ohms at 25°C.
LL
LD
BL
BD
RGT Series Issue December 2008 Sheet 2 of 3
Make Possible
10.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com