Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHVD10 Datasheet(PDF) 1 Page - TT Electronics.

Part # RHVD10
Description  Non-inductive design
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

RHVD10 Datasheet(HTML) 1 Page - TT Electronics.

  RHVD10 Datasheet HTML 1Page - TT Electronics. RHVD10 Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Robust High Voltage
Divider Resistors
RHVD Series
Physical Data
Voltageratingsupto15kV
Non-inductivedesign
Ratiotolerancedownto0.25%
TCRtrackingdownto25ppm/°C
RobustDILterminationsforvibrationperformance
Customdesignserviceavailable
RoHScompliant
Electrical Data
RHVD08
RHVD10
RHVD10A
RHVD15
RHVD15A
Powerratingat70°C
watts
0.5
0.75
1.0
1.5
2.0
Limitingelementvoltageinairdcoracpk
kV
7.5
10
10
15
15
Resistancevalue
ohms
10K–1G
50K–1G
100K–1G
Resistancetolerance
%
1,5
Ratiotolerance
%
0.25,0.5,1
TCR(20°Cto70°C)
ppm/°C
50,100
TrackingTCR(20°Cto70°C)
ppm/°C
25,50
Standardvalues
E24preferredfor(R1+R2)andR2
Ambienttemperaturerange
°C
-55to+155
Insulationresistanceat500V
ohms
>10G
Dielectricstrengthofinsulation
volts
>1000
Alldimensionsareinmm,weighting
Type
L±0.5
W
±0.5
H
Max
S±0.5
P
±0.25
P2
±0.25
P3
±0.5
LL
±0.75
Wt
nom
RHVD08
25.4
9.17
5
2
22.86
5.08
8.72
5.08
0.72
RHVD10
38.1
9.17
35.56
7.62
8.72
0.99
RHVD10A
38.1
13.4
35.56
7.62
12.95
1.42
RHVD15
50.8
9.17
48.26
10.16
8.72
1.31
RHVD15A
50.8
15.94
48.26
10.16
15.45
1.99
Otherresistance,toleranceandTCRvaluesareavailableonrequest.
Construction
Termination conductors and ruthenium oxide resistive material are printed in a non-inductive
patternontothesurfaceofa96%aluminasubstrate.Ascreen-printedprotectionisthenapplied
andterminalsarethenattached.
Terminations
SoldercoatedphosphorbronzeleadframeterminationsaresolderdippedinSnAgCuandmeetthe
followingIECrequirements:IEC68.2.21–Strength,IEC115-1,Clause4.17.3.2–Solderability
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
© TT electronics plc
08.13
RHVD Series
•
Voltage ratings up to 15kV
•
Non-inductive design
•
Ratio tolerance down to 0.25%
•
TCR tracking down to 25ppm/°C
•
Robust DIL terminations for vibration performance
•
Custom design service available
•
RoHS compliant
Electrical Data
RHVD08
RHVD10
RHVD10A
RHVD15
RHVD15A
Power rating at 70°C
watts
0.5
0.75
1.0
1.5
2.0
Limiting element voltage in air dc or ac pk
kV
7.5
10
10
15
15
Resistance value
ohms
10K – 1G
50K – 1G
100K – 1G
Resistance tolerance
%
1, 5
Ratio tolerance
%
0.25, 0.5, 1
TCR (20°C to 70°C)
ppm/°C
50, 100
Tracking TCR (20°C to 70°C)
ppm/°C
25, 50
Standard values
E24 preferred for (R1 + R2) and R2
Ambient temperature range
°
C
-55 to +155
Insulation resistance at 500V
ohms
>10G
Dielectric strength of
insulation
volts
>1000
Physical Data
All dimensions are in mm, weight in g
Type
L
±0.5
W
±0.5
H
Max
S
±0.5
P
±0.25
P2
±0.25
P3
±0.5
LL
±0.75
Wt
nom
RHVD08
25.4
9.17
5
2
22.86
5.08
8.72
5.08
0.72
RHVD10
38.1
9.17
35.56
7.62
8.72
0.99
RHVD10A
38.1
13.4
35.56
7.62
12.95
1.42
RHVD15
50.8
9.17
48.26
10.16
8.72
1.31
RHVD15A
50.8
15.94
48.26
10.16
15.45
1.99
Robust High Voltage Divider Resistors
Construction
Termination conductors and ruthenium oxide resistive material are printed in a
non-inductive pattern onto the surface of a 96% alumina substrate. A screen-
printed protection is then applied and terminals are then attached.
Terminations
Solder coated phosphor bronze leadframe terminations are solder dipped in
SnAgCu and meet the following IEC requirements: IEC 68.2.21 – Strength,
IEC 115-1, Clause 4.17.3.2 – Solderability
o
o
o
o
o
o
o
o
o
o
o
o
4
0.8mm hole
sizes
1
2
3
3
2
4
R2
1
6
5
R1
P3
P
P2
6
5
0.5
W
1.4
4
5
6
1
0.25
H
R1
R2
L
LL
2
3
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
© TT electronics plc
08.13
RHVD Series
•
Voltage ratings up to 15kV
•
Non-inductive design
•
Ratio tolerance down to 0.25%
•
TCR tracking down to 25ppm/°C
•
Robust DIL terminations for vibration performance
•
Custom design service available
•
RoHS compliant
Electrical Data
RHVD08
RHVD10
RHVD10A
RHVD15
RHVD15A
Power rating at 70°C
watts
0.5
0.75
1.0
1.5
2.0
Limiting element voltage in air dc or ac pk
kV
7.5
10
10
15
15
Resistance value
ohms
10K – 1G
50K – 1G
100K – 1G
Resistance tolerance
%
1, 5
Ratio tolerance
%
0.25, 0.5, 1
TCR (20°C to 70°C)
ppm/°C
50, 100
Tracking TCR (20°C to 70°C)
ppm/°C
25, 50
Standard values
E24 preferred for (R1 + R2) and R2
Ambient temperature range
°
C
-55 to +155
Insulation resistance at 500V
ohms
>10G
Dielectric strength of
insulation
volts
>1000
Physical Data
All dimensions are in mm, weight in g
Type
L
±0.5
W
±0.5
H
Max
S
±0.5
P
±0.25
P2
±0.25
P3
±0.5
LL
±0.75
Wt
nom
RHVD08
25.4
9.17
5
2
22.86
5.08
8.72
5.08
0.72
RHVD10
38.1
9.17
35.56
7.62
8.72
0.99
RHVD10A
38.1
13.4
35.56
7.62
12.95
1.42
RHVD15
50.8
9.17
48.26
10.16
8.72
1.31
RHVD15A
50.8
15.94
48.26
10.16
15.45
1.99
Robust High Voltage Divider Resistors
Construction
Termination conductors and ruthenium oxide resistive material are printed in a
non-inductive pattern onto the surface of a 96% alumina substrate. A screen-
printed protection is then applied and terminals are then attached.
Terminations
Solder coated phosphor bronze leadframe terminations are solder dipped in
SnAgCu and meet the following IEC requirements: IEC 68.2.21 – Strength,
IEC 115-1, Clause 4.17.3.2 – Solderability
o
o
o
o
o
o
o
o
o
o
o
o
4
0.8mm hole
sizes
1
2
3
3
2
4
R2
1
6
5
R1
P3
P
P2
6
5
0.5
W
1.4
4
5
6
1
0.25
H
R1
R2
L
LL
2
3
Make Possible
Resistors
07.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com
AllpartsarePb-freeandcomplywithEUDirective2011/65/EU(RoHS2)


Similar Part No. - RHVD10

ManufacturerPart #DatasheetDescription
logo
VINATech Co.,Ltd.
RHV VINATECH-RHV Datasheet
927Kb / 2P
High Voltage, High Capacitance Low ESR, High ripple current Load life of 5,000h at 105°C
logo
Recom International Pow...
RHV2 RECOM-RHV2 Datasheet
1Mb / 5P
2 Watt SIP16 Single and Dual Output
RHV2-0505D/R20 RECOM-RHV2-0505D/R20 Datasheet
1Mb / 5P
2 Watt SIP16 Single and Dual Output
RHV2-0505D/R20 RECOM-RHV2-0505D/R20 Datasheet
1Mb / 5P
RHV2
RHV2-0505S RECOM-RHV2-0505S Datasheet
1Mb / 5P
RHV2
More results

Similar Description - RHVD10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RC12JT5M60 ETC1-RC12JT5M60 Datasheet
164Kb / 4P
Non-inductive design, Molded body for package uniformity
logo
Vincotech
V23990-P624-F24-P2-14 VINCOTECH-V23990-P624-F24-P2-14 Datasheet
1Mb / 14P
Low inductive design
FZ06BIA045FH02 VINCOTECH-FZ06BIA045FH02 Datasheet
3Mb / 30P
Low inductive design
logo
MERITEK ELECTRONICS COR...
TMPE-FMPE MERITEK-TMPE-FMPE Datasheet
167Kb / 1P
Non-inductive construction
logo
Vincotech
30-P2126PA050SC-L287F09Y VINCOTECH-30-P2126PA050SC-L287F09Y Datasheet
1Mb / 16P
Compact and low inductive design
30-F212PMA100M701-L880A70 VINCOTECH-30-F212PMA100M701-L880A70 Datasheet
2Mb / 35P
Compact and low inductive design
logo
Ohmite Mfg. Co.
RES-TGH OHMITE-RES-TGH Datasheet
429Kb / 2P
Due to their non-inductive design
logo
TT Electronics.
HVD TTELEC-HVD Datasheet
364Kb / 2P
Non-inductive design
logo
Analog Devices
HMC284AMS8G AD-HMC284AMS8G Datasheet
309Kb / 6P
Non-Reflective Design
logo
Semikron International
SK50DGDL066ETE2 SEMIKRON-SK50DGDL066ETE2 Datasheet
355Kb / 6P
Low inductive design
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com