Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SON Datasheet(PDF) 2 Page - TT Electronics.

Part # SON
Description  Superior temperature performance
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

SON Datasheet(HTML) 2 Page - TT Electronics.

  SON Datasheet HTML 1Page - TT Electronics. SON Datasheet HTML 2Page - TT Electronics. SON Datasheet HTML 3Page - TT Electronics. SON Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TaNFilm® Flat Precision
Resistor Array
SON Series
Make Possible
09.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com
TaNFilm® Flat Precision
Resistor Array
SON Series
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
© TT electronics plc
11.13
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
1
2
3
R1
3
R1
N
2
1
N
Schematic A
Isolated
Schematic B
Bussed
Note: N = number of pads
C
F
Pin 1
J
L
B
N
W
E
A
G
H
TOP
BOTTOM
H
Pin 1
SIDE VIEW
SON Series Issue January 2009 Sheet 2 of 4
0.027”
(0.686mm)
0.028”
(0.711mm)
0.125”
(3.175mm)
0.025”
(0.635mm)
0.050”
(1.270mm)
0.009R”
(0.227mm)
0.030”
(0.762mm)
0.040”
(1.016mm)
0.050”
(1.270mm)
0.15”
(3.810mm)
0.21” ±0.010”
(5.334 ±0.254mm)
0.027”
(0.686mm)
0.028”
(0.711mm)
0.125”
(3.175mm)
0.025”
(0.635mm)
0.050”
(1.270mm)
0.009R”
(0.227mm)
0.030”
(0.762mm)
0.040”
(1.016mm)
0.050”
(1.270mm)
0.15”
(3.810mm)
0.36”
9.144mm
0.027”
(0.686mm)
0.028”
(0.711mm)
0.125”
(3.175mm)
0.025”
(0.635mm)
0.050”
(1.270mm)
0.009R”
(0.227mm)
0.030”
(0.762mm)
0.040”
(1.016mm)
0.050”
(1.270mm)
0.15”
(3.810mm)
0.41”
(10.414mm)
0.027”
(0.686mm)
0.028”
(0.711mm)
0.17”
(4.318mm)
0.025”
(0.635mm)
0.050”
(1.270mm)
0.010R”
(0.254mm)
0.030”
(0.762mm)
0.040”
(1.0160mm)
0.050”
(1.270mm)
0.21”
(5.334mm)
0.20”
(5.080mm)
0.027”
(0.686mm)
0.028”
(0.711mm)
0.17”
(4.318mm)
0.025”
(0.635mm)
0.050”
(1.270mm)
0.010R”
(0.254mm)
0.030”
(0.762mm)
0.040”
(1.016mm)
0.050”
(1.270mm)
0.21”
(5.334mm)
0.35”
(8.890mm)
0.027”
(0.686mm)
0.028”
(0.711mm)
0.17”
(4.318mm)
0.025”
(0.635mm)
0.050”
(1.270mm)
0.010R”
(0.254mm)
0.030”
(0.762mm)
0.040”
(1.016mm)
0.050”
(1.270mm)
0.21”
(5.334mm)
0.4”
(10.160mm)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com