Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CL-CU Datasheet(PDF) 1 Page - Tyco Electronics

Part # CL-CU
Description  Compact Time Delay Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

CL-CU Datasheet(HTML) 1 Page - Tyco Electronics

  CL-CU Datasheet HTML 1Page - Tyco Electronics CL-CU Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1231
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
P&B
Catalog 1308242
Issued 3-03
CL-CUseries
Compact Time Delay Relay
• Delay on operate timing mode
• Fixed, knob or resistor adjustable types
• 10A output relay with DPDT contacts
• Variety of mounting options
• Various models time from 0.1 to 120 sec.
• No timing cycle interrupt transfer (CL only)
File E22575
File LR15734
Environmental Data
Temperature Range: Storage: -55
°C to +85°C.
Operating: -10
°C to +55°C.
Mechanical Data
Termination: 0.187 in. (4.75mm) quick-connect.
Enclosure: Yellow plastic case (see outline drawings for various options).
Knob adjustable types have dial scale for reference only.
Sockets: Solder, printed circuit and screw terminal sockets available.
Weight: 3.5 oz. (99g) approximately.
CL Ordering Information – Authorized distributors are more likely to stock boldface items listed below.
Voltage
Time
Adjustment
Wiring Dia.
Part Number
24VAC
0.1 to 10 Sec.
Knob
1
CLB-51-30010
24VAC
0.1 to 10 Sec.
Resistor
2
CLF-42-30010
0.1 to 10 Sec.
CLB-51-70010
120VAC
0.3 to 30 Sec.
Knob
1
CLB-51-70030
1.2 to 120 Sec.
CLB-51-70120
120VAC
3 Sec.
Fixed
1
CLA-41-70003
30 Sec.
CLA-41-70030
0.1 to 10 Sec.
CLF-41-70010
120VAC
0.1 to 10 Sec.
Resistor
2
CLF-42-70010
1.2 to 120 Sec.
CLF-41-70120
Voltage
Time
Adjustment
Wiring Dia.
Part Number
12VDC
0.1 to 10 Sec.
Knob
1
CLD-51-20010
12VDC
10 Sec.
Fixed
1
CLC-41-20010
12VDC
1.2 to 120 Sec.
Resistor
2
CLH-41-20120
24VDC
5 Sec.
Fixed
1
CLC-41-30005
0.1 to 10 Sec.
CLH-41-30010
24VDC
0.3 to 30 Sec.
Resistor
2
CLH-41-30030
0.1 to 10 Sec.
CLH-45-30010
41 style models (e.g. CLA-41-70010) have plain case.
42 style models (e.g. CLF-42-70010) have bracket mount case.
45 style models (e.g. CLH-45-30010) have bracket mount case with test button.
51 style models (e.g. CLB-51-30010) have plain case with knob.
CU Timing Specifications
Timing Ranges: From 1.0 to 10 sec. through 1.0 to 120 sec.
Timing Adjustment: Fixed, external resistor and knob adjustable.
Tolerance (for AC units add
±1/2 cycle 60 Hz.):
Knob Adj. Types:–0, +20% of max. specified at high end of timing
range; min. specified, or less, at low end.
Fixed Types:
±5%.
Res. Adj. Types:
±10% at high end of timing range; min. specified, or
less, at low end.
Repeatability (for AC units add
±1 cycle 60 Hz.): ±3%.
Release Time: 150 ms, typ.; 225 ms, max.
Recycle Time: 150 ms, typ.; 225 ms, max.
Note: On CU types the switching contact may momentarily transfer if the timing interval is
interrupted. CL types have no timing cycle interrupt transfer.
Input Voltages & Limits @ 25
°C
Voltage
Nominal
Minimum
Maximum
Type
Voltage
Voltage
Voltage
AC
24
20
28
120
105
130
DC
12
11
13
24
20
32
Note: DC voltage must be filtered (5% p-p ripple max. at nom. voltage).
AC models will operate on 50 or 60 Hz.
Contact Data @ 25
°C
Arrangements: 2 Form C (DPDT).
Material: Silver-cadmium oxide alloy.
Rating: 10A @ 30VDC or 277VAC, resistive; 1/2 HP @ 250VAC;
1/3 HP @ 120VAC.
Expected Mechanical Life: 10 million operations.
Expected Electrical Life: 100,000 operations, min., at rated load.
Initial Dielectric Strength
Between Open Contacts: 500V rms, 60 Hz.
Between All Other Conductors: 500V rms, 60 Hz.
Input Data @ 25
°C
Voltage: 24 & 120VAC and 12 & 24VDC.
Power Requirement: AC Types: Typically less than 3 VA.
DC Types: Typically less than 3 W.
Transient Protection: Yes.
Reverse Voltage Protection: Yes.
Timing Mode
Delay on operate – Delay period begins when input voltage is applied. At
the end of the delay period, the relay will operate and will not release until
input voltage is removed. Reset occurs when input voltage is reapplied.
TIME
INPUT
VOLTAGE
ON
OFF
N.O. RELAY
CONTACTS
ON
OFF
➛
➛
CL Timing Specifications
Timing Ranges: From 0.1 to 1.0 sec. through 1.2 to 120 sec.
Timing Adjustment: Fixed, external resistor and knob adjustable.
Tolerance (for AC units add
±1/2 cycle 60 Hz.):
Knob Adj. Types:–0, +20% of max. specified at high end of timing
range; min. specified, or less, at low end.
Fixed Types:
±5%.
Res. Adj. Types:
±10% at high end of timing range; min. specified, or
less, at low end.
Repeatability (for AC units add
±1 cycle 60 Hz.): ±3%.
Release Time: 100 ms, typ.; 150 ms, max.
Recycle Time: 100 ms, typ.; 150 ms, max.
Users should thoroughly review the technical data before selecting a product part
number. It is recommended that user also seek out the pertinent approvals files of
the agencies/laboratories and review them to ensure the product meets the
requirements for a given application.


Similar Part No. - CL-CU

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CL-CD1400 CIRRUS-CL-CD1400 Datasheet
10Mb / 158P
Four-Channel Serial/Parallel Communications Engine with UNIX Character Processing
CL-CD1400-10QC-J CIRRUS-CL-CD1400-10QC-J Datasheet
10Mb / 158P
Four-Channel Serial/Parallel Communications Engine with UNIX Character Processing
CL-CR3470 CIRRUS-CL-CR3470 Datasheet
122Kb / 4P
ATAPI CD-R/RW Encoder/Decoder
July 1998
CL-CR3470/CR3475 CIRRUS-CL-CR3470/CR3475 Datasheet
122Kb / 4P
ATAPI CD-R/RW Encoder/Decoder
July 1998
CL-CR3475 CIRRUS-CL-CR3475 Datasheet
122Kb / 4P
ATAPI CD-R/RW Encoder/Decoder
July 1998
More results

Similar Description - CL-CU

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
48K MACOM-48K Datasheet
198Kb / 1P
Programmable Time Delay Relay
SCF MACOM-SCF Datasheet
148Kb / 1P
Programmable Time Delay Relay
2-1393136-3 MACOM-2-1393136-3 Datasheet
56Kb / 2P
CMOS IC Time Delay Relay
2-1393136-8 MACOM-2-1393136-8 Datasheet
50Kb / 2P
CMOS IC Time Delay Relay
2-1393138-0 MACOM-2-1393138-0 Datasheet
51Kb / 2P
Compact Time Delay Relay
2-1393138-8 MACOM-2-1393138-8 Datasheet
51Kb / 2P
Compact Time Delay Relay
2-1393138-9 MACOM-2-1393138-9 Datasheet
51Kb / 2P
Compact Time Delay Relay
CGB-38-70005M MACOM-CGB-38-70005M Datasheet
46Kb / 2P
CMOS IC Time Delay Relay
CRB-48-70010 MACOM-CRB-48-70010 Datasheet
32Kb / 1P
Recycle Time Delay Relay
logo
Littelfuse
TDR LITTELFUSE-TDR Datasheet
437Kb / 2P
Relay Output, Recycling Time Delay Relay
2016 Rev: 1-A-062116
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com