Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SQM Datasheet(PDF) 2 Page - TT Electronics.

Part # SQM
Description  resistance or1 to 200k
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

SQM Datasheet(HTML) 2 Page - TT Electronics.

  SQM Datasheet HTML 1Page - TT Electronics. SQM Datasheet HTML 2Page - TT Electronics. SQM Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Radial Ceramic Case Resistors
Wirewound / Metal Oxide
SQM / CVF / CVW Series
Radial Ceramic Case Resistors
Wirewound / Metal Oxide
05 . 08
© Welwyn Components Limited Bedlington Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 Facsimile: +44 (0) 1670 829465 Email: info@welwyn-tt.com Website: www.welwyn-tt.com
SQM Series
Termination Details:
Material
The 100% Sn finish copper lead wires are internally welded to the resistance element end caps.
Solderability
The terminations meet the requirements of IEC 115-1 Clause 4.17.3.2
Strength
The terminations meet the requirements of IEC 86.2.21
Marking: Type reference, resistance value and tolerance are legend marked onto the upper surface.
Flammability: The resistor will not burn under any condition of applied temperature or overload.
Solvent resistance: The body protection and marking are resistant to all normal industrial solvents suitable for printed
circuits.
Performance Data
Maximum
Load at rated power (1000hrs at 70°C)
ΔR
Derating from rated power at 70°C
See Graph
ΔR
5% +0.05Ώ
Damp heat steady state (56 days, 40°C, ≥90% RH)
ΔR
5% +0.05Ώ
Temperature rapid change (5 cycles -55ºC to +155ºC)
ΔR
2% +0.05Ώ
Resistance to solder heat
ΔR
1% +0.05Ώ
Voltage Proof (1kV for 60s)
No evidence of flashover, mechanical damage,
arcing or insulation breakdown
Solderability
Min. 95% coverage
Derating Curve
Ordering Procedure
Example: SQM3 at 1.2 kilohms and 5% tolerance bulk packed in a box of 3000 pieces –
S Q M 3 – 1 K 2 J B 3
Type
Value (use IEC62 code)
Tolerance (use IEC62 code)
J
5%
Packing
B3
Bulk
SQM2, 3
3000 / box
Standard
B2
SQM5
2000 / box
B1
SQM7, 10
1000 / box
0%
100%
T (°C)
70
155
275
60%
-55
P/Pr
<100K: 5%
≥100K: 10%
short term overload (lesser of 6.25 x Pr or 2.5 x LEV for 5s)
Make Possible
09.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com