Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SQP Datasheet(PDF) 2 Page - TT Electronics.

Part # SQP
Description  High overload capability
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

SQP Datasheet(HTML) 2 Page - TT Electronics.

  SQP Datasheet HTML 1Page - TT Electronics. SQP Datasheet HTML 2Page - TT Electronics. SQP Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Ceramic Case Resistors –
Wirewound / Metal Oxide
SQP / CAF / CAW Series
The resistor will not burn or emit incandescent
particles under any condition of applied temperature
or overload.
Ceramic Case Resisters –
Wirewound / Metal Oxide
SQP Series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Issue C · 07.06
Welwyn Components
Maximum
Load at rated power (1000hrs at 70˚C)
≤100K: 5% +0.05 ,
>100K: 10%
%
R
h
p
a
r
G
e
e
S
C
˚
0
7
t
a
r
e
w
o
p
d
e
t
a
r
m
o
r
f
g
n
i
t
a
r
e
D
Short term overload (6.25xPr for 5s)
5
0
.
0
+
%
2
%
R
Damp heat steady state (56 days, 40˚C, 90% RH)
5
0
.
0
+
%
2
%
R
Temperature rapid change
5
0
.
0
+
%
2
%
R
Resistance to solder heat
5
0
.
0
+
%
1
%
R
Pulse handling
Data available by request
71
Construction
A high purity ceramic rod, with force fit end caps onto which is wound a wire element: or a deposited metal oxide film
(depending on value). The element is fitted into a ceramic case with fireproof insulation cement.
Termination Details
Material
The tinned copper lead wires are internally welded to the resistance element end caps.
Solderability The terminations meet the requirements of IEC 115-1 Clause 4.17.3.2
Strength
The terminations meet the requirements of IEC 86.2.21
Marking
Type reference, resistance value and tolerance are
legend marked onto the upper surface.
Flammability
Solvent resistance
The body protection and marking are resistant to all
normal industrial solvents suitable for printed circuits.
Performance Data
P
100%
50%
0%
-30
70
155
275
T˚C
07.08
Resistors
Make Possible
09.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com