Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4546 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4546
Description  AC ??7 Rev 2 Codec with Sample Rate Conversion and National 3D Sound
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4546 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM4546 Datasheet HTML 8Page - National Semiconductor (TI) LM4546 Datasheet HTML 9Page - National Semiconductor (TI) LM4546 Datasheet HTML 10Page - National Semiconductor (TI) LM4546 Datasheet HTML 11Page - National Semiconductor (TI) LM4546 Datasheet HTML 12Page - National Semiconductor (TI) LM4546 Datasheet HTML 13Page - National Semiconductor (TI) LM4546 Datasheet HTML 14Page - National Semiconductor (TI) LM4546 Datasheet HTML 15Page - National Semiconductor (TI) LM4546 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Application Information
AC Link Serial Interface Protocol
AC Link Output Frame: SDATA_OUT (output from
controller, input to LM4546)
The audio output frame (output from AC ’97 Controller) con-
tains control and PCM data targeted for the LM4546 control
registers and stereo DAC. The Tag slot, slot 0, contains 16
bits that tell the AC Link interface circuitry on the LM4546 the
validity of the following data slots.
A new audio output frame is signaled with a low to high tran-
sition of SYNC. SYNC is synchronous to the rising edge of
BIT_CLK. On the next rising edge of BIT_CLK, the AC ’97
Controller drives SDATA_OUT with the first bit of slot 0. The
LM4546 samples SDATA_OUT on the falling edge of BIT-
_CLK. The AC ’97 Controller will continue outputting the
SDATA_OUT stream on each successive rising edge of BIT-
_CLK.
SDATA_OUT Slot 0: Tag Phase
The first bit of slot 0 is designated the
″Valid Frame″ bit. If
this bit is 1, it indicates that the current data frame contains
at least one slot of valid data and the LM4546 will further
sample the next four bits to determine which frames do in
fact have valid data. Valid slots are signified bya1in their re-
spective slot bit position.
Bit
Description
Comment
15
Valid Frame
1 = This frame has valid
data.
14
Control
register
address
1 = Control Address is
valid.
13
Control
register data
1 = Control Data is valid.
12
Left Playback
PCM Data
1 = Left PCM Data is
valid.
DS100985-4
FIGURE 3. AC 97 Bidirectional Audio Frame
DS100985-6
FIGURE 4. AC Link Audio Output Frame
DS100985-5
FIGURE 5. Start of Audio Output Frame
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com