Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T40 Datasheet(PDF) 3 Page - TT Electronics.

Part # T40
Description  Termination variants
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

T40 Datasheet(HTML) 3 Page - TT Electronics.

  T40 Datasheet HTML 1Page - TT Electronics. T40 Datasheet HTML 2Page - TT Electronics. T40 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
High Voltage Precision
Thick Film Resistors
T Series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
07.11
Welwyn Components
Ordering Procedure
Example: T44 wire-ended and sleeved at 4.7 gigohms and 5% tolerance -
T 4 4 D – 4 G 7 J I
Type
Termination
D
Wire / wire
KU
Wire / screw
TU
Screw / screw
Protection
Lacquered & Sleeved
H
Lacquered only (for use in oil or SF6)
Value (use IEC62 code)
Tolerance (use IEC62 code)
F
1%
G 2%
J
5%
Packing
I
Box
10 or 20/box
Standard
Note: Standard TCR is 100ppm/°C. Contact factory for 50 and 25ppm/°C grades.
High Voltage Precision
Thick Film Resistors
T Series
Make Possible
07.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com