Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TD4 Datasheet(PDF) 2 Page - TT Electronics.

Part # TD4
Description  rugged construction
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

TD4 Datasheet(HTML) 2 Page - TT Electronics.

  TD4 Datasheet HTML 1Page - TT Electronics. TD4 Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Nickel Film
Temperature Sensor
TD4 Series
Nickel Film
Temperature Sensor
TD4
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
189
Issue D · 08.03
Welwyn Components
Construction
A nickel film is deposited onto a high quality ceramic rod.
Nickel-plated steel caps are force fitted to the rod and
termination wires are welded to the caps.
A laser is used to adjust the resistance value of the sensor by
cutting a helix into the film The body is protected with a high
purity organic coating.
Terminations
Material
Solder-coated copper wire
Strength
The terminations meet the requirements of
IEC 68.2.21
Solderability
The terminations meet the requirements of
IEC115-1 Clause 4.17.3.2
Marking
TD4: Type reference, resistance and tolerance code.
Actual Performance
8
1
.
0
%
C
°
5
2
@
e
c
n
a
t
s
i
s
e
R
)
C
°
5
5
1
@
s
r
h
0
0
0
1
(
y
ti
li
b
a
t
s
m
r
e
t
g
n
o
L
4
.
0
C
°
o
t
t
n
e
l
a
v
i
u
q
E
2
0
.
0
%
C
°
5
2
@
e
c
n
a
t
s
i
s
e
R
)
C
°
5
5
1
o
t
C
°
5
5
-
s
e
l
c
y
c
0
1
(
k
c
o
h
s
l
a
m
r
e
h
T
4
0
.
0
C
°
o
t
t
n
e
l
a
v
i
u
q
E
Performance Data for R0 = 100ohms
Physical Data
Dimensions (mm) & Weight (g)
L max
D max
f min
d nom
PCB
Min
Wt.
mounting
Bend
nom
centre
Radius
TD4
7.2
2.5
30
0.6
10.2
0.6
0.24
L
D
f
d
TD4 tolerance vs temperature
-5
-4
-3
-2
-1
0
1
2
3
4
5
-75
-50
-25
0
25
50
75
100
125
150
175
Temperature (
°C)
TD4_D.qxd
13/8/03
3:12 pm
Page 2
Ordering Procedure
Example: TD4 at 1 kilohm and 1°C tolerance
bulk packed in a box of up to 1000 pieces –
T D 4 – 1 K 0 D I
Type
Value (use IEC62 code)
Tolerance
D
1°C
F
2°C
G
4°C
Packing
I
Bulk
Up to 1000/box
Standard
Nickel Film
Temperature Sensor
TD4
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
189
Issue D · 08.03
Welwyn Components
Construction
A nickel film is deposited onto a high quality ceramic rod.
Nickel-plated steel caps are force fitted to the rod and
termination wires are welded to the caps.
A laser is used to adjust the resistance value of the sensor by
cutting a helix into the film The body is protected with a high
purity organic coating.
Terminations
Material
Solder-coated copper wire
Strength
The terminations meet the requirements of
IEC 68.2.21
Solderability
The terminations meet the requirements of
IEC115-1 Clause 4.17.3.2
Marking
TD4: Type reference, resistance and tolerance code.
Actual Performance
8
1
.
0
%
C
°
5
2
@
e
c
n
a
t
s
i
s
e
R
)
C
°
5
5
1
@
s
r
h
0
0
0
1
(
y
ti
li
b
a
t
s
m
r
e
t
g
n
o
L
4
.
0
C
°
o
t
t
n
e
l
a
v
i
u
q
E
2
0
.
0
%
C
°
5
2
@
e
c
n
a
t
s
i
s
e
R
)
C
°
5
5
1
o
t
C
°
5
5
-
s
e
l
c
y
c
0
1
(
k
c
o
h
s
l
a
m
r
e
h
T
4
0
.
0
C
°
o
t
t
n
e
l
a
v
i
u
q
E
Performance Data for R0 = 100ohms
Physical Data
Dimensions (mm) & Weight (g)
L max
D max
f min
d nom
PCB
Min
Wt.
mounting
Bend
nom
centre
Radius
TD4
7.2
2.5
30
0.6
10.2
0.6
0.24
L
D
f
d
TD4 tolerance vs temperature
-5
-4
-3
-2
-1
0
1
2
3
4
5
-75
-50
-25
0
25
50
75
100
125
150
175
Temperature (
°C)
TD4_D.qxd
13/8/03
3:12 pm
Page 2
Ordering Procedure
Example: TD4 at 1 kilohm and 1°C tolerance
bulk packed in a box of up to 1000 pieces –
T D 4 – 1 K 0 D I
Type
Value (use IEC62 code)
Tolerance
D
1°C
F
2°C
G
4°C
Packing
I
Bulk
Up to 1000/box
Standard
Nickel Film
Temperature Sensor
TD4
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
189
Issue D · 08.03
Welwyn Components
Construction
A nickel film is deposited onto a high quality ceramic rod.
Nickel-plated steel caps are force fitted to the rod and
termination wires are welded to the caps.
A laser is used to adjust the resistance value of the sensor by
cutting a helix into the film The body is protected with a high
purity organic coating.
Terminations
Material
Solder-coated copper wire
Strength
The terminations meet the requirements of
IEC 68.2.21
Solderability
The terminations meet the requirements of
IEC115-1 Clause 4.17.3.2
Marking
TD4: Type reference, resistance and tolerance code.
Actual Performance
8
1
.
0
%
C
°
5
2
@
e
c
n
a
t
s
i
s
e
R
)
C
°
5
5
1
@
s
r
h
0
0
0
1
(
y
ti
li
b
a
t
s
m
r
e
t
g
n
o
L
4
.
0
C
°
o
t
t
n
e
l
a
v
i
u
q
E
2
0
.
0
%
C
°
5
2
@
e
c
n
a
t
s
i
s
e
R
)
C
°
5
5
1
o
t
C
°
5
5
-
s
e
l
c
y
c
0
1
(
k
c
o
h
s
l
a
m
r
e
h
T
4
0
.
0
C
°
o
t
t
n
e
l
a
v
i
u
q
E
Performance Data for R0 = 100ohms
Physical Data
Dimensions (mm) & Weight (g)
L max
D max
f min
d nom
PCB
Min
Wt.
mounting
Bend
nom
centre
Radius
TD4
7.2
2.5
30
0.6
10.2
0.6
0.24
L
D
f
d
TD4 tolerance vs temperature
-5
-4
-3
-2
-1
0
1
2
3
4
5
-75
-50
-25
0
25
50
75
100
125
150
175
Temperature (
°C)
TD4_D.qxd
13/8/03
3:12 pm
Page 2
Ordering Procedure
Example: TD4 at 1 kilohm and 1°C tolerance
bulk packed in a box of up to 1000 pieces –
T D 4 – 1 K 0 D I
Type
Value (use IEC62 code)
Tolerance
D
1°C
F
2°C
G
4°C
Packing
I
Bulk
Up to 1000/box
Standard
Nickel Film
Temperature Sensor
TD4
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
189
Issue D · 08.03
Welwyn Components
Construction
A nickel film is deposited onto a high quality ceramic rod.
Nickel-plated steel caps are force fitted to the rod and
termination wires are welded to the caps.
A laser is used to adjust the resistance value of the sensor by
cutting a helix into the film The body is protected with a high
purity organic coating.
Terminations
Material
Solder-coated copper wire
Strength
The terminations meet the requirements of
IEC 68.2.21
Solderability
The terminations meet the requirements of
IEC115-1 Clause 4.17.3.2
Marking
TD4: Type reference, resistance and tolerance code.
Actual Performance
8
1
.
0
%
C
°
5
2
@
e
c
n
a
t
s
i
s
e
R
)
C
°
5
5
1
@
s
r
h
0
0
0
1
(
y
ti
li
b
a
t
s
m
r
e
t
g
n
o
L
4
.
0
C
°
o
t
t
n
e
l
a
v
i
u
q
E
2
0
.
0
%
C
°
5
2
@
e
c
n
a
t
s
i
s
e
R
)
C
°
5
5
1
o
t
C
°
5
5
-
s
e
l
c
y
c
0
1
(
k
c
o
h
s
l
a
m
r
e
h
T
4
0
.
0
C
°
o
t
t
n
e
l
a
v
i
u
q
E
Performance Data for R0 = 100ohms
Physical Data
Dimensions (mm) & Weight (g)
L max
D max
f min
d nom
PCB
Min
Wt.
mounting
Bend
nom
centre
Radius
TD4
7.2
2.5
30
0.6
10.2
0.6
0.24
L
D
f
d
TD4 tolerance vs temperature
-5
-4
-3
-2
-1
0
1
2
3
4
5
-75
-50
-25
0
25
50
75
100
125
150
175
Temperature (
°C)
TD4_D.qxd
13/8/03
3:12 pm
Page 2
Ordering Procedure
Example: TD4 at 1 kilohm and 1°C tolerance
bulk packed in a box of up to 1000 pieces –
T D 4 – 1 K 0 D I
Type
Value (use IEC62 code)
Tolerance
D
1°C
F
2°C
G
4°C
Packing
I
Bulk
Up to 1000/box
Standard
Make Possible
07.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com
OBSOLETE



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com