Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS20x Datasheet(PDF) 1 Page - TT Electronics.

Part # TS20x
Description  High frequency design available
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

TS20x Datasheet(HTML) 1 Page - TT Electronics.

  TS20x Datasheet HTML 1Page - TT Electronics. TS20x Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TaNCap® T-Filter Network
T-Filter Series
Improves signal quality
High frequency design available
RoHScompliantandSn/Pbterminationsavailable
Reduces unwanted signals while improving signal quality
Proven TaNCap® technology available in QSOP, SOIC, and
TSSOP packages
General Note
IRC reserves the right to make changes in product specification without notice or liability.
All information is subject to IRC’s own data and is considered accurate at time of going to print.
A subsidiary of
TT electronics plc
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
TaNCap® T-Filter
Network
IRC’s TaNCap® T-filter networks are designed for the most demanding low pass filter applications. These TaNSil®
.
s
t
c
e
ff
e
e
v
it
c
u
d
n
i
l
a
m
i
n
i
m
h
ti
w
s
t
n
e
n
o
p
m
o
c
l
a
n
g
i
s
y
c
n
e
u
q
e
r
f
h
g
i
h
f
o
n
o
it
a
u
n
e
tt
a
r
e
ff
o
s
k
r
o
w
t
e
n
m
li
f
n
i
h
t
y
g
o
l
o
n
h
c
e
t
EMI/RFI reduction, improved signal quality and reduction of false triggers in digital circuits while minimizing
insertion loss are characteristics of these silicon based filter networks.
The SOIC, QSOP, and TSSOP packages offer a high level of integration in today’s most popular surface mount
configurations. Up to 24 discrete components are replaced by one T-filter network.
The TaNCap® series of resistor-capacitor networks are manufactured using IRC’s military and space proven
tantalum nitride thin film technology. For high reliability combined with superior performance, use IRC TaNCap®
T-Filter Networks for your most demanding, high speed analog and digital designs.
• Improves signal quality
• High frequency design available
• RoHS compliant and Sn/Pb terminations available
• Reduces unwanted signals while improving signal quality
• Proven TaNCap® technology available in QSOP, SOIC,
and TSSOP packages
T-Filter Series
Range
Tolerance
(%)
Breakdown
Voltage
(volts)
TCR
(ppm/°C)
Max. Power
Dissipation
(watts)
Operating Temp.
Range
(°C)
Resistors
10
Ω to 100Ω
±10
N/A
±100
0.1 per resistor
-55 to +125
Capacitors
10pF to 33pF
±20
200 to 100
N/A
N/A
34pF to 200pF
±10
100 to 25
Electrical Data
T-Filter Series Issue January 2009 Sheet 1 of 2
Schematic Data
Schematic T
Schematic M
20 19 18 17 16 15 14 13 12 11
24 23 22 21 20 19 18 17 16 15 14 13
1
2
3
4
5
6
7
8
9
10 11 12
1
2
3
4
5
6
7
8
9
10
Resistors
Make Possible
02.16
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com
AllPb-freepartscomplywithEUDirective2011/65/EU(RoHS2)


Similar Part No. - TS20x

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
TS20x TTELEC-TS20x Datasheet
217Kb / 2P
Improves signal quality
More results

Similar Description - TS20x

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
AN232 MICROCHIP-AN232 Datasheet
240Kb / 12P
Low Frequency Magnetic Transmitter Design
2002
logo
Sumida Corporation
CEP710B SUMIDA-CEP710B_10 Datasheet
322Kb / 3P
xDSL line transformer Custom design is available
logo
Mercury United Electron...
M49 MERCURY-M49_15 Datasheet
105Kb / 1P
High frequency fundamental mode is available in BT-cut
logo
FSP TECHNOLOGY INC.
NANO-AP400 FSP-NANO-AP400 Datasheet
61Kb / 1P
High frequency design
NANO-AP600 FSP-NANO-AP600 Datasheet
61Kb / 1P
High frequency design
NANO-AP800 FSP-NANO-AP800 Datasheet
61Kb / 1P
High frequency design
logo
TT Electronics.
4500 TTELEC-4500 Datasheet
432Kb / 3P
customs design service available
PHVP TTELEC-PHVP Datasheet
485Kb / 2P
Custom design service available
logo
PUI audio inc.
AS02204MR-N50-R PUIAUDIO-AS02204MR-N50-R Datasheet
570Kb / 5P
Unique design for flat frequency response
logo
ETA-USA
WMM-SX-A ETA-USA-WMM-SX-A Datasheet
1,001Kb / 3P
12W High frequency design, less power consumption
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com