Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPD Datasheet(PDF) 2 Page - TT Electronics.

Part # TPD
Description  One-Shot Non-Resettable Design
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

TPD Datasheet(HTML) 2 Page - TT Electronics.

  TPD Datasheet HTML 1Page - TT Electronics. TPD Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
High Current
Thermal Fuse
TPD Series
TPD Series Issue May 2012
Advanced Film Division • 4222 South Staples Street • Corpus Christi Texas 78411 USA
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
High Current
Thermal Fuse
Physical Data
Dimensional Tolerances (unless noted) are ± 0.010” (0.25mm)
Date Code is “
YYWW” where “YY” is the Year and “WW” is the Week
Prefix
TPD - 235C - 55A
Thermal Protection Device (TPD)
Fusing Temperature
235 degres Celsius
Current Rating
55 Amps
For additional information or to discuss your specific requirements,
please contact our Applications Team using the contact details below.
Ordering Data
Test
Method
Max Specification
High Temperature Exposure
MIL-STD-202G, Method 108A
500hrs at 150°C
20% ∆R &
≤ 0.700m
W
Fuse Open1
≤ 250°C
Thermal Shock
MIL-STD-202G, Method 107G
300 Cycles -55°C to +165°C
Fuse Open1
≤ 250°C
Heavy Load
60A at 135°C for 24hrs
Fuse Open1
≤ 250°C
Moisture/Humidity
MIL-STD-202G, Method 106G
Fuse Open1
≤ 250°C
Solderability
J-STD-002
>95% Coverage
Resistance to Solder Heat
MIL-STD-202G, Method 210F
20% ∆R &
≤ 0.700m
W
Vibration
MIL-STD-202G, Method 204
20% ∆R &
≤ 0.700m
W
Life/High Temperature
Endurance
MIL-STD-202G, Method 108A
55A at 135°C
20% ∆R &
≤ 0.700m
W
Mechanical Shock
MIL-STD-202G, Method 213B
50G for 6ms performed 10X per axis
20% ∆R &
≤ 0.700m
W
Terminal Strength
MIL-STD-202G, Method 211A
20% ∆R &
≤ 0.700m
W
Note1 : “Open” when resistance ≥ 100kW.
Environmental Performance
TPD Series Issue May 2012
Advanced Film Division • 4222 South Staples Street • Corpus Christi Texas 78411 USA
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
High Current
Thermal Fuse
Physical Data
Dimensional Tolerances (unless noted) are ± 0.010” (0.25mm)
Date Code is “
YYWW” where “YY” is the Year and “WW” is the Week
Prefix
TPD - 235C - 55A
Thermal Protection Device (TPD)
Fusing Temperature
235 degres Celsius
Current Rating
55 Amps
For additional information or to discuss your specific requirements,
please contact our Applications Team using the contact details below.
Ordering Data
Test
Method
Max Specification
High Temperature Exposure
MIL-STD-202G, Method 108A
500hrs at 150°C
20% ∆R &
≤ 0.700m
W
Fuse Open1
≤ 250°C
Thermal Shock
MIL-STD-202G, Method 107G
300 Cycles -55°C to +165°C
Fuse Open1
≤ 250°C
Heavy Load
60A at 135°C for 24hrs
Fuse Open1
≤ 250°C
Moisture/Humidity
MIL-STD-202G, Method 106G
Fuse Open1
≤ 250°C
Solderability
J-STD-002
>95% Coverage
Resistance to Solder Heat
MIL-STD-202G, Method 210F
20% ∆R &
≤ 0.700m
W
Vibration
MIL-STD-202G, Method 204
20% ∆R &
≤ 0.700m
W
Life/High Temperature
Endurance
MIL-STD-202G, Method 108A
55A at 135°C
20% ∆R &
≤ 0.700m
W
Mechanical Shock
MIL-STD-202G, Method 213B
50G for 6ms performed 10X per axis
20% ∆R &
≤ 0.700m
W
Terminal Strength
MIL-STD-202G, Method 211A
20% ∆R &
≤ 0.700m
W
Note1 : “Open” when resistance ≥ 100kW.
Environmental Performance
ProcessRecommendations
Wavesolder
10scontacttime(total)maximum
260°Cmaximum
Twocyclesmaximum
Handsolder
Tiptemperature350°Cmaximum
Contacttime5smaximum
Permitcoolingbetweensolderingfirst&secondterminal
Make Possible
10.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com