Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS005 Datasheet(PDF) 1 Page - TT Electronics.

Part # TS005
Description  Compliant surface mount package
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

TS005 Datasheet(HTML) 1 Page - TT Electronics.

  TS005 Datasheet HTML 1Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TS005 Series
TS005 Series
Compliant surface mount package
ReliableTaNSil®thinfilmtechnology
General Note
IRC reserves the right to make changes in product specification without notice or liability.
All information is subject to IRC’s own data and is considered accurate at time of going to print.
A subsidiary of
TT electronics plc
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
TS005 Series Issue April 2009 Sheet 1 of 1
TS005 Series
• Compliant surface mount package
• Reliable TaNSil® thin film technology
Electrical Data
Resistor
Resistance Value
(W)
Absolute
Tolerance
(%)
Absolute TCR
(ppm/°C)
Power Rating
70°C (mW)
Operating
Temperature Range
(°C)
R1 - R9
33.2
±5%
±100
100
(Power is derated linearly
to zero at 125°C)
-55 to +125
J1
1.0 max
N/A
N/A
N/A
TS005 Series
Physical and Schematic Data
Part Number GUS-TS005-4462
Ordering Data
Resistors
Make Possible
AllPb-freepartscomplywithEUDirective2011/65/EU(RoHS2)
07.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com


Similar Part No. - TS005

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TS0005A TAI-SAW-TS0005A Datasheet
375Kb / 7P
SMD 5.0x7.0 LVPECL SAW OSCILLATOR
TS0007A TAI-SAW-TS0007A Datasheet
276Kb / 6P
SMD 5.0x7.0 Remote Control SAW OSCILLATOR
TS0008A TAI-SAW-TS0008A Datasheet
276Kb / 6P
SMD 5.0x7.0 Remote Control SAW OSCILLATOR
TS0012A TAI-SAW-TS0012A Datasheet
376Kb / 7P
SMD 5.0x7.0 LVPECL SAW OSCILLATOR
logo
Bothhand USA, LP.
TS0013 BOTHHAND-TS0013 Datasheet
26Kb / 1P
10/100 BASE PCMCIA TRANSFORMER
More results

Similar Description - TS005

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
C4530 VECTRON-C4530_06 Datasheet
119Kb / 5P
Surface Mount Package
logo
Gaomi Xinghe Electronic...
1N4148W GXELECTRONICS-1N4148W Datasheet
687Kb / 2P
Surface Mount Package
logo
Advanced Power Electron...
AP2302AGN-HF A-POWER-AP2302AGN-HF_14 Datasheet
99Kb / 4P
Surface mount package
AP2422GY A-POWER-AP2422GY_14 Datasheet
121Kb / 5P
Surface mount package
logo
KR Electronics, Inc.
2505 KR-2505 Datasheet
28Kb / 2P
Surface Mount Package
logo
Advanced Power Electron...
AP2302AGN-HF A-POWER-AP2302AGN-HF_16 Datasheet
99Kb / 5P
Surface Mount Package
AP2306CGN-HF A-POWER-AP2306CGN-HF_16 Datasheet
99Kb / 5P
Surface Mount Package
AP2906EY A-POWER-AP2906EY Datasheet
73Kb / 6P
Surface mount package
AP9938AGEY-HF A-POWER-AP9938AGEY-HF_16 Datasheet
104Kb / 5P
Surface Mount Package
logo
M/A-COM Technology Solu...
OD-S-1249 MA-COM-OD-S-1249 Datasheet
191Kb / 1P
Package, Surface Mount
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com