Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WBA Datasheet(PDF) 2 Page - TT Electronics.

Part # WBA
Description  High resistor density
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

WBA Datasheet(HTML) 2 Page - TT Electronics.

  WBA Datasheet HTML 1Page - TT Electronics. WBA Datasheet HTML 2Page - TT Electronics. WBA Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Wire Bondable
Ceramic Resistors
WBA Series
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
0.004˝ min
Bond Pads
Resistance Range
Available Absolute
Tolerances
Available Ratio
Tolerances
Best Absolute TCR
Tracking TCR
10
Ω-20Ω
G J K
F G J
±100ppm/°C
±5ppm/°C
21
Ω−50Ω
F G J K
F G J
±100ppm/°C
±5ppm/°C
51
Ω-100Ω
C D F G
C D F G
±100ppm/°C
±5ppm/°C
101
Ω−200Ω
C D F G
C D F G
±50ppm/°C
±5ppm/°C
201
Ω−500Ω
B C D F G
B C D F G
±50ppm/°C
±5ppm/°C
501
Ω-999Ω
B C D F G
B C D F G
±25ppm/°C
±5ppm/°C
1.0K
Ω-20KΩ
B C D F G
A B C D F G
±25ppm/°C
±2ppm/°C
Manufacturing Capabilities Data
Power Derating Data
Absolute TCR
Commercial
Code
MIL Inspection
Code
±300ppm/°C
00
04
±100ppm/°C
01
05
±50ppm/°C
02
06
±25ppm/°C
03
07
TCR/Inspection Code Table
*Notes: Product supplied to Class H of MIL-PRF 38534 include 100% visual inspection
Wire Bondable
Ceramic Resistors
WBA Series Issue January 2009 Sheet 2 of 3
Make Possible
07.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com