Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XF0901P Datasheet(PDF) 1 Page - E-SWITCH

Part # XF0901P
Description  ALL DIMENSIONS IN MM [INCH]
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

XF0901P Datasheet(HTML) 1 Page - E-SWITCH

  XF0901P Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Parts List
DESCRIPTION
PART NUMBER
QTY
ITEM
P16EET11
F040013
1
1
50-002-06 (YELLOW LENS TRANSPARENT)
F050206
1
2
P16 TERMINAL PROTECTOR
F051601
1
3
50-004-18 6V DC LED (YELLOW)
F050418
1
4
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
P16EET11HYELYEL
1.5:1
6/29/2015
XF0901P
A
MW
1
1
PANEL MOUNTING
MAX. PANEL THICKNESS 5MM
A
21892
RELEASE FOR PRODUCTION
6/29/15
MW
7.20
[.283 in]
2.50
[.098 in]
10.8 .6
.43 .024 in
[
]
40 1.0
1.57 .04 in
[
]
36 1.0
1.43 .04 in
[
]
1.80
[.071 in]
18.00
[.709 in]
24.00
[.945 in]
1.00
[.039 in]
16.00 -.00
.30
+
.630 -.000
.012
+
in
[
]
2.00
[.079 in]
10.40
[.409 in]
18.00
[.709 in]
MIN.
24.00
[.945 in]
MIN.
L
1
2
3
4
a
b (+)
SPDT
CONTACT CONFIGURATION
14.70
[.579 in]
16.0
[.63 in]
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X = 0.4
X.XX = 0.25
3. TERMINAL NUMBERS FOR REF. ONLY
4. CONTACT RATING: 5A @ 250V AC
8A @ 125V AC
6A @ 24V DC
5. CONTACT RESISTANCE:100m
MAX. @ 2-4 VDC
6. ELECTRICAL LIFE: 50,000 CYCLES
7. TRAVEL: 3.0mm
8. CONTACT MATERIAL: COPPER ALLOY WITH SILVER PLATING
9. OPERATING TEMPERATURE: -25 C TO 55 C WITH LAMP
10. LAMP VOLTAGE: 6V DC YELLOW LED
11. DEGREE OF PROTECTION: IP 40
12.
DENOTES CRITICAL PARAMETER
13. 2002/95/EC (ROHS) COMPLIANT
.50
[.020 in]
CONCAVE
2
4
1
3


Similar Part No. - XF0901P

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
XF0900P E-SWITCH-XF0900P Datasheet
177Kb / 1P
ALL DIMENSIONS IN MM [INCH].
XF0902P E-SWITCH-XF0902P Datasheet
165Kb / 1P
ALL DIMENSIONS IN MM [INCH]
XF0903P E-SWITCH-XF0903P Datasheet
178Kb / 1P
ALL DIMENSIONS IN MM [INCH].
XF0904P E-SWITCH-XF0904P Datasheet
177Kb / 1P
ALL DIMENSIONS IN MM [INCH].
XF0905P E-SWITCH-XF0905P Datasheet
177Kb / 1P
ALL DIMENSIONS IN MM [INCH].
More results

Similar Description - XF0901P

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700103 E-SWITCH-T700103 Datasheet
30Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T800300 E-SWITCH-T800300 Datasheet
66Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T800501 E-SWITCH-T800501 Datasheet
41Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T811002 E-SWITCH-T811002 Datasheet
76Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0106P E-SWITCH-XR0106P Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0108P E-SWITCH-XR0108P Datasheet
33Kb / 1P
ALL DIMENSIONS IN MM[INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B401006 E-SWITCH-B401006 Datasheet
203Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com