Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS2806 Datasheet(PDF) 2 Page - NEC

Part # PS2806
Description  HIGH ISOLATION VOLTAGE AC INPUT DARLINGTON TRANSISTOR TYPE SOP OPTOCOUPLER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS2806 Datasheet(HTML) 2 Page - NEC

  PS2806 Datasheet HTML 1Page - NEC PS2806 Datasheet HTML 2Page - NEC PS2806 Datasheet HTML 3Page - NEC PS2806 Datasheet HTML 4Page - NEC PS2806 Datasheet HTML 5Page - NEC PS2806 Datasheet HTML 6Page - NEC PS2806 Datasheet HTML 7Page - NEC PS2806 Datasheet HTML 8Page - NEC PS2806 Datasheet HTML 9Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
PS2806-1, PS2806-4
ABSOLUTE MAXIMUM RATINGS1 (TA = 25°C)
SYMBOLS
PARAMETERS
UNITS
RATINGS
Diode
PS2806-1
PS2806-4
IF
Forward Current
mA
±50
±50
∆PD/°C
Power Dissipation Derating
mW/°C
0.6
0.8
PD
Power Dissipation
mW/Ch
60
80
IF(Peak)
Forward Current
A
±1
±1
PW = 100 µs, Duty Cycle 1%
Transistor
VCEO
Collector to Emitter Voltage
V
40
40
VECO
Emitter to Collector Voltage
V
6
6
IC
Collector Current
mA/Ch
90
100
∆PC/°C
Power Dissipation Derating
mW/°C
1.2
1.2
PC
Power Dissipation
mW/Ch
120
120
Coupled
BV
Isolation Voltage2
Vr.m.s.
2500
TOP
Operating Temperature
°C
-55 to +100
TSTG
Storage Temperature
°C
-55 to +150
Notes:
1. Operation in excess of any one of these parameters may result in
permanent damage.
2. AC voltage for 1 minute at TA = 25 °C, RH = 60 % between input
and output.
OUTLINE DIMENSIONS (Units in mm)
PS2806-1
PS2806-4
PS2806-1
MARKINGS
1. Anode, Cathode
2. Cathode, Anode
3. Emitter
4. Collector
1, 3, 5, 7.
Anode, Cathode
2, 4, 6, 8.
Cathode, Anode
9, 11, 13, 15.
Emitter
10, 12, 14, 16.
Collector
2.7±0.3
43
12
0.63 MAX
1.27
0.4±0.10
2.3 MAX
2.0
7.0±0.3
4.4
1.3
0.5±0.3
0.12 M
1.27
0.12
0.40
+0.10
-0.05
10.3
±0.3
16
9
8
1
0.63 MAX
7.0
± 0.3
4.4
0.5
± 0.3
1.3
M
12
3
4
56
7
8
16
15 14 13 12
11 10
9
43
12
ORDERING INFORMATION
PART NUMBER
PACKAGE
PACKING STYLE
PS2806-1
4-Pin SOP
50 pcs (Tape 50 pcs cut)
PS2806-1-F3
Embossed Tape 3500 pcs/reel
PS2806-1-F4
PS2806-4
16-Pin SOP
Magazine case 45 pcs
PS2806-4-F3
Embossed Tape 2500 pcs/reel
PS2806-4-F4
Top View
Top View
6 003
Assembly lot
Last number of type No.: 6
Week Assembled
Year Assembled (Last 1 Digit)
0 03
PS2806-4
NEC
PS2806-4
N 003
Week Assembled
N 0 03
Year Assembled (last 1 digit)
Country Assembled
Type Number
Assembly lot
No. 1 pin
mark
CTR Rank Code



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com