Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4548 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4548
Description  AC ??7 Rev 2 Codec with Sample Rate Conversion and National 3D Sound
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4548 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM4548 Datasheet HTML 9Page - National Semiconductor (TI) LM4548 Datasheet HTML 10Page - National Semiconductor (TI) LM4548 Datasheet HTML 11Page - National Semiconductor (TI) LM4548 Datasheet HTML 12Page - National Semiconductor (TI) LM4548 Datasheet HTML 13Page - National Semiconductor (TI) LM4548 Datasheet HTML 14Page - National Semiconductor (TI) LM4548 Datasheet HTML 15Page - National Semiconductor (TI) LM4548 Datasheet HTML 16Page - National Semiconductor (TI) LM4548 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Application Information (Continued)
Bit
Description
Comment
11
Right
Playback
PCM Data
1 = Right PCM Data is
valid.
SDATA_OUT Slot 1: Control Address
Slot 1 is used both to write to the LM4548 registers as well
as read back a register’s current value. The MSB of Slot 1
(bit 19) signifies whether the current control operation is a
read or a write. Bits 18 through 12 are used to specify the
register address of the read or write operation. The least sig-
nificant twelve bits are reserved and should be stuffed with
zeros by the AC’97 controller.
Bits
Description
Comment
19
Read/Write
0 = Read, 1 = Write
18:12
Control
Register
Identifies the Control
Register
11:0
Reserved
Set to
″0″
SDATA_OUT Slot 2: Control Data
Slot 2 is used to transmit 16 bit control data to the LM4548 in
the event that the current operation is a write operation. The
least significant four bits should be stuffed with zeros by the
AC ’97 controller. If the current operation is a register read,
the entire slot, bits 19 through 0 should be stuffed with zeros.
Bits
Description
Comment
19:4
Control
Register Write
Data
Set bits to
″0″ if read
operation
3:0
Reserved
Set to
″0″
SDATA_OUT Slot 3: PCM Playback Left Channel
Slot 3 is a 20 bit field used to transmit data intended for the
left DAC on the LM4548. Any unused bits should be padded
with zeros. The LM4548 DAC’s have 18 bit resolution and
thus will use the first 18 bits of the 20 bit PCM stream.
Bits
Description
Comment
19:0
PCM Audio
Data for Left
DAC
Set unused bits to
″0″
SDATA_OUT Slot 4: PCM Playback Right Channel
Slot 4 is a 20 bit field used to transmit data intended for the
right DAC on the LM4548. Any unused bits should be pad-
ded with zeros. The LM4548 DAC’s have 18 bit resolution
and thus will use the first 18 bits of the 20 bit PCM stream.
Bits
Description
Comment
19:0
PCM Audio
Data for Right
DAC
Set unused bits to
″0″
SDATA_OUT Slots 5-12: Reserved
Set these SDATA_OUT slots to
″0″ as they are not currently
implemented and are reserved for future use.
AC Link Input Frame: SDATA_IN (input to controller,
output from LM4548)
The audio input frame (input to the AC ’97 Digital Controller)
contains status and PCM data from the LM4548 control reg-
isters and stereo ADC. The Tag slot, slot 0, contains 16 bits
that tell the AC ’97 Digital Controller whether the LM4548 is
ready and the validity of data from certain device subsec-
tions.
A new audio input frame is signaled with a low to high tran-
sition of SYNC. SYNC is synchronous to the rising edge of
BIT_CLK. On the next rising edge of BIT_CLK, the LM4548
drives SDATA_IN with the first bit of slot 0. The Digital Con-
troller samples SDATA_IN on the falling edge of BIT_CLK.
The LM4548 will continue outputting the SDATA_IN stream
on each successive rising edge of BIT_CLK. The LM4548
outputs data MSB first, in a MSB justified format. All reserved
bits and slots are stuffed with
″0″ ’s by the LM4548.
SDATA_IN Slot 0: Codec Status Bits
The first bit of SDATA_IN Slot 0 (bit 15) indicates when the
Codec is ready. The digital controller must probe further to
see which other subsections are ready.
DS100987-8
FIGURE 6. AC Link Audio Input Frame
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com