Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED30W-24 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LED30W-24
Description  Switch Mode LED Drivers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LED30W-24 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LED30W-24 Datasheet HTML 1Page - List of Unclassifed Manufacturers LED30W-24 Datasheet HTML 2Page - List of Unclassifed Manufacturers LED30W-24 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Specifications subject to change without notice.
Note:
LED drivers are designed and intended to operate LED loads only.
Non-LED loading may be outside the specified design limits of our
LED drivers, and therefore cannot be covered by any warranty.
If you desire to use our LED drivers to operate non-LED loads
please contact us to discuss compatibility.
Thomas Research Products • 1225 Bowes Rd • Elgin, IL 60123 • T 847-515-3057 • F 847-515-3047 • www.trpssl.com
LED-30W Series– Fixed Output and Dimmable
Switch Mode LED Drivers
Constant Current & Constant Voltage with Isolation
Black Magic Thermal Advantage™ Plastic Housing
Ordering Options:
-D:
0-10V & Resistance dimmable version comes with an extra two wires +Purple/-Gray on
the output side. -D 0-10V Dimming is compatible with most quality 0-10V wall dimmers.
Seepage3foradditionalspecifications.
Electrical Specifications
Input Voltage Range:
100-277 Vac Nom. (90-305 V Min/Max)
Input Over-Voltage:
Can endure 320Vac for 48 Hrs, 350Vac for 2 Hrs
Frequency:
50/60 Hz Nom. (47-63 Hz Min/Max)
Power Factor:
>0.90 @ full load, 100V through 277V
Inrush Current:
<15.0 Amps max @ 230 Vac, cold start 25ºC
Input Current:
0.41 Amps max (LED30W-42-C0700: 0.43 Amp max)
Maximum Power:
30W
Current Accuracy:
± 1% Over input line variation
Load Regulation:
± 3%
THD:
<_ 20% @ full load
Leakage Current:
400 µA Typical
Hold Up Time:
Half Cycle
Protection:
Output Over-Voltage, Output Over-Current, and
Output Short Circuit Protection with Auto Recovery
Environmental Specifications
Minimum Starting Temp: -30ºC
Maximum Case Temp.
90°C
Storage Temperature:
-40ºC to +85ºC
Humidity:
5% to 95%
Cooling:
Convection
Vibration Frequency:
5 to 55 Hz/2g, 30 minutes
Sound Rating:
Class A
MTBF:
484,000 Hours at full load and 40ºC ambient conditions
per MIL-217F Notice 2
EMC:
FCC 47CFR Part 15 Class B compliant
Constant Current - Product Specifications
Model Number
Output Current
(mA ±3%)
Output Voltage
Range (Vdc)
Max. Output
Power (W)
Typical
Efficiency
LED30W-85-C0350-XX
350
28-85
29.8
88%
LED30W-75-C0400-XX
400
25-75
30
87%
LED30W-66-C0450-XX
450
22-66
29.7
87%
LED30W-42-C0700-XX
700
14-42
29.4
87%
LED30W-36-C0830-XX
830
12-36
29.9
87%
LED30W-24-C1250-XX
1250
8-24
30
86%
LED30W-18-C1660-XX
1660
6-18
30
85%
LED30W-12-C2500-XX
2500
4-12
30
85%
Constant Voltage - Product Specifications
Model Number
Output Voltage
(Vdc ±5%)
Output Current
Range (mA)
Max. Output
Power (W)
Typical
Efficiency
LED30W-12
•
12
652-2500
30
84%
LED30W-18
18
415-1660
30
85%
LED30W-24
•
24
313-1250
30
85%
LED30W-36
36
208-830
29.9
86%
LED30W-42
42
175-700
29.4
87%
LED30W-66
66
113-450
29.7
87%
LED30W-75
75
100-400
30
87%
LED30W-85
85
88-350
29.8
88%
Class 2:
US/Canada
-XXindicatesdimmingoptionsareavailable.Seeoptionsatleft.Blank=fixedcurrentoutput
E332160
Sign Components Manual
• Total Power: 30 Watts
• Input Voltage: 100-277 Vac Nom.
• UL Dry & Damp Location Rated
• IP66
• High Power Factor
• UL Sign Components Manual (S.A.M. Models)
Rev 10-13-16
• IndicatesS.A.M.


Similar Part No. - LED30W-24

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LED3-10 ETC2-LED3-10 Datasheet
110Kb / 2P
LED3 Series - LED Spacers and Holders
logo
Multicomp Pro
LED3-10 MULTICOMP-LED3-10 Datasheet
185Kb / 1P
LED Spacers and Holders
11/12/19 V1.0
logo
List of Unclassifed Man...
LED3-13 ETC2-LED3-13 Datasheet
110Kb / 2P
LED3 Series - LED Spacers and Holders
logo
Multicomp Pro
LED3-13 MULTICOMP-LED3-13 Datasheet
185Kb / 1P
LED Spacers and Holders
11/12/19 V1.0
logo
List of Unclassifed Man...
LED3-16 ETC2-LED3-16 Datasheet
110Kb / 2P
LED3 Series - LED Spacers and Holders
More results

Similar Description - LED30W-24

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LED-40W ETC2-LED-40W Datasheet
723Kb / 4P
Switch Mode LED Drivers
LED40W-130-C0300-XX-HV ETC2-LED40W-130-C0300-XX-HV Datasheet
762Kb / 4P
Switch Mode LED Drivers
LED60W-170-C0350-XX ETC2-LED60W-170-C0350-XX Datasheet
727Kb / 4P
Switch Mode LED Drivers
LED75W-257-C0300-XX ETC2-LED75W-257-C0300-XX Datasheet
730Kb / 4P
Switch Mode LED Drivers
LED-100W ETC2-LED-100W Datasheet
694Kb / 4P
Switch Mode LED Drivers
LEG-100W ETC2-LEG-100W Datasheet
550Kb / 3P
Switch Mode LED Drivers
LEG120W-343-C0350 ETC2-LEG120W-343-C0350 Datasheet
634Kb / 3P
Switch Mode LED Drivers
TRC-200S045DT ETC2-TRC-200S045DT Datasheet
610Kb / 3P
Switch Mode LED Drivers
TRV-075 ETC2-TRV-075 Datasheet
561Kb / 2P
Switch Mode LED Drivers
VLED150W-258-C0580-X-HV ETC2-VLED150W-258-C0580-X-HV Datasheet
657Kb / 4P
Switch Mode LED Drivers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com