Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA13 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PA13
Description  Power Operational Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PA13 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PA13 Datasheet HTML 1Page - List of Unclassifed Manufacturers PA13 Datasheet HTML 2Page - List of Unclassifed Manufacturers PA13 Datasheet HTML 3Page - List of Unclassifed Manufacturers PA13 Datasheet HTML 4Page - List of Unclassifed Manufacturers PA13 Datasheet HTML 5Page - List of Unclassifed Manufacturers PA13 Datasheet HTML 6Page - List of Unclassifed Manufacturers PA13 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
PA13 • PA13A
2
PA13U
The exposed substrate contains beryllia (BeO). Do not crush, machine, or subject to temperatures
in excess of 850°C to avoid generating toxic fumes.
CAUTION
Parameter
Symbol
Min
Max
Units
SUPPLY VOLTAGE, +V
S to -VS
100
V
OUTPUT CURRENT, within SOA
15
A
POWER DISSIPATION, internal
135
W
INPUT VOLTAGE, differential
-37
37
V
INPUT VOLTAGE, common mode
-V
S
V
S
V
TEMPERATURE, pin solder, 10s max.
260
°C
TEMPERATURE, junction
(Note 3)
175
°C
TEMPERATURE RANGE, storage
−55
125
°C
OPERATING TEMPERATURE RANGE, case
−40
85
°C
1. CHARACTERISTICS AND SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS – PA13/PA13A
Parameter
Test Condi-
tions2,5
PA13
PA13A
Units
Min
Typ
Max
Min
Typ
Max
INPUT
OFFSET VOLTAGE, initial
±2
±6
±1
±4
mV
OFFSET VOLTAGE vs. temp
Full temp range
±10
±65
*
±40
µV/°C
OFFSET VOLTAGE vs. supply
±30
±200
*
*
µV/V
OFFSET VOLTAGE vs. power
±20
*
µV/W
BIAS CURRENT, initial
±12
±30
±10
±20
nA
BIAS CURRENT, vs. temp
Full temp range
±50
±500
*
*
pA/°C
BIAS CURRENT, vs. supply
±10
*
pA/V
OFFSET CURRENT, initial
±12
±30
±5
±10
nA
OFFSET CURRENT, vs. temp
Full temp range
±50
*
pA/°C
INPUT IMPEDANCE, DC
200
*
MΩ
INPUT CAPACITANCE
3
*
pF
COMMON MODE VOLTAGE
RANGE
(Note 4)
Full temp range ±V
S - 5
±V
S - 3
*
*
V
COMMON MODE REJECTION,
DC
Full temp range,
V
CM = ±VS – 6V
74
100
*
*
dB
GAIN
OPEN LOOP GAIN @ 10Hz
1KΩ load
110
*
dB
OPEN LOOP GAIN @ 10Hz
Full temp range,
8Ω load
96
108
*
*
dB
GAIN BANDWIDTH PRODUCT
@ 1MHz
8Ω load
4
*
MHz
POWER BANDWIDTH
8Ω load
13
20
*
*
kHz
PHASE MARGIN, A
V = +4
Full temp range,
8Ω load
20
*
°
SPECIFICATIONS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com