Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED20W-36 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # LED20W-36
Description  Switch Mode LED Drivers with Isolation
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LED20W-36 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  LED20W-36 Datasheet HTML 1Page - List of Unclassifed Manufacturers LED20W-36 Datasheet HTML 2Page - List of Unclassifed Manufacturers LED20W-36 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Thomas Research Products • 1225 Bowes Rd • Elgin, IL 60123 • T 847-515-3057 • F 847-515-3047 • www.trpssl.com
Pg 3 of 3
SSL Solutions Faster Than The Speed Of Light®
“-D” Option: 0-10VDC and Resistance Dimming
Notes:
1. 0-10V dimmable version comes with an extra two wires +Purple/-Gray on the output side.
2. Compatible with most 0-10V Wall Slide dimmers and direct 0-10V analog signal. Recommended dimmer is Leviton IP710 or equivalent
3. 0-10V dimmable version output will be <_ 10% @ 0-1.0V
4. 0-10V dimmable version output will be 100% with Purple/Gray open and minimum with Purple/Gray Shorted.
Parameters
Minimum
Typical
Maximum
Source Current out of 0-10V Purple Wire
0mA
—
2mA
Absolute Voltage Range on 0-10V (+) Purple Wire
-2.0 V
—
+15 V
Sink Current into 0-10V Purple Wire
0mA
—
1.2mA
Dim (+) Purple
IP710 Wall Dimmer
LED20W-xxx-Cxxxx-D
Dim (-) Gray
(Dimmer must be current-sink type control)
Typical Dimming Circuit
0V
1V
2V
3V
4V
5V
6V
7V
8V
9V
10V
Dimming Input (Vdc)
Output Current / 0-10VDC Dimming Input
0
10
20
30
40
50
60
70
80
90
100
LED20W Series



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com