Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED20W-43 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LED20W-43
Description  Switch Mode LED Drivers with Isolation
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LED20W-43 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LED20W-43 Datasheet HTML 1Page - List of Unclassifed Manufacturers LED20W-43 Datasheet HTML 2Page - List of Unclassifed Manufacturers LED20W-43 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Specifications subject to change without notice.
Note:
LED drivers are designed and intended to operate LED loads only.
Non-LED loading may be outside the specified design limits of our
LED drivers, and therefore cannot be covered by any warranty.
If you desire to use our LED drivers to operate non-LED loads
please contact us to discuss compatibility.
Thomas Research Products • 1225 Bowes Rd • Elgin, IL 60123 • T 847-515-3057 • F 847-515-3047 • www.trpssl.com
LED-20W Series
Switch Mode LED Drivers with Isolation,
Constant Current, Dimming & Constant Voltage
Electrical Specifications
Input Voltage Range:
100-277 Vac Nom. (90-305 V Min/Max)
Input Over-Voltage:
Can endure 320Vac for 48 Hrs, 350Vac for 2 Hrs
Frequency:
50/60 Hz Nom. (47-63 Hz Min/Max)
Power Factor:
>0.90 @ full load, 100V through 277V
Inrush Current:
<15.0 Amps max @ 230 Vac, cold start 25ºC
Input Current:
0.25 Amps max at 120 Vac
Efficiency:
85% typical at max load
Maximum Power:
20W
Line Regulation:
± 3%
Load Regulation:
± 4%
THD:
<_ 20% @ >_ 70% load 100-230V, >_ 80% load 277V
Leakage Current:
300 µA Typical
Hold Up Time:
Half Cycle
Output Protection:
Over-Voltage, Over-Current, and
Short Circuit Protection with Auto Recovery
Environmental Specifications
Minimum Starting Temp: -30ºC
Storage Temperature:
-40ºC to +85ºC
Maximum Case Temp.
90°C
Humidity:
5% to 95%
Cooling:
Convection
Sound Rating:
Class A
Vibration Frequency:
5 to 55 Hz/2g, 30 minutes
MTBF:
488,000 Hours at full load and 40ºC ambient conditions
per MIL-217F Notice 2
Weight:
5.8 oz (165 grams) typical
Constant Current - Product Specifications
Model Number
Output Current
(mA ±4%)
Output Voltage
Range (Vdc)
Max. Output
Power (W)
Typical
Efficiency
LED20W-57-C0350-XX
350
19-57
20
84%
LED20W-48-C0350-XX
350
16-48
16.8
83%
LED20W-43-C0460-XX
460
15-43
20
83%
LED20W-40-C0500-XX
500
14-40
20
82%
LED20W-36-C0550-XX
550
12-36
20
82%
LED20W-28-C0700-XX
700
10-28
20
81%
LED20W-24-C0700-XX
700
8-24
16.8
81%
LED20W-24-C0830-XX
830
8-24
20
81%
LED20W-22-C0910-XX
910
7-22
20
81%
LED20W-18-C1100-XX
1100
6-18
20
80%
LED20W-15-C1330-XX
1330
5-15
20
80%
LED20W-13-C1540-XX
1540
4-13
20
79%
LED20W-12-C1660-XX
1660
4-12
20
78%
Constant Voltage - Product Specifications
Model Number
Output Voltage
(Vdc ±5%)
Output Current
Range (mA)
Max. Output
Power (W)
Typical
Efficiency
LED20W-12
•
12
415-1660
20
82%
LED20W-13
13
385-1540
20
82%
LED20W-15
15
333-1330
20
83%
LED20W-18
18
275-1100
20
83%
LED20W-22
22
228-910
20
84%
LED20W-24
•
24
208-830
20
84%
LED20W-28
28
175-700
20
84%
LED20W-36
36
138-550
20
85%
LED20W-40
40
125-500
20
85%
LED20W-43
43
115-460
20
85%
LED20W-48
48
88-350
16.8
85%
LED20W-57
57
88-350
20
85%
E332160
Sign Components Manual
Ordering Options:
-D:
0-10V & Resistance dimmable version comes with an extra two wires +Purple/-Gray on
the output side. -D 0-10V Dimming is compatible with most quality 0-10V wall dimmers.
Seepage3foradditionalspecifications.
-XXindicatesdimmingoptionsareavailable.Seeoptionsatleft.Blank=fixedcurrentoutput
Rev 10-13-16
• Total Power: 20 Watts
• Input Voltage: 100-277 Vac Nom.
• UL Dry & Damp Location Rated
• IP66 & NEMA4
• High Power Factor
• UL Sign Components Manual
(S.A.M. Models) Models
• IndicatesS.A.M.
Class 2:
US/Canada


Similar Part No. - LED20W-43

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LED20W-43 ETC2-LED20W-43 Datasheet
777Kb / 4P
Switch Mode LED Drivers with Isolation, Constant Current, Dimming & Constant Voltage
LED20W-43-C0460-XX ETC2-LED20W-43-C0460-XX Datasheet
777Kb / 4P
Switch Mode LED Drivers with Isolation, Constant Current, Dimming & Constant Voltage
More results

Similar Description - LED20W-43

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LED-40W ETC2-LED-40W Datasheet
723Kb / 4P
Switch Mode LED Drivers
LED-20W ETC2-LED-20W Datasheet
777Kb / 4P
Switch Mode LED Drivers with Isolation, Constant Current, Dimming & Constant Voltage
LED40W-130-C0300-XX-HV ETC2-LED40W-130-C0300-XX-HV Datasheet
762Kb / 4P
Switch Mode LED Drivers
LED60W-170-C0350-XX ETC2-LED60W-170-C0350-XX Datasheet
727Kb / 4P
Switch Mode LED Drivers
LED75W-257-C0300-XX ETC2-LED75W-257-C0300-XX Datasheet
730Kb / 4P
Switch Mode LED Drivers
LED-100W ETC2-LED-100W Datasheet
694Kb / 4P
Switch Mode LED Drivers
LEG-100W ETC2-LEG-100W Datasheet
550Kb / 3P
Switch Mode LED Drivers
TRC-200S045DT ETC2-TRC-200S045DT Datasheet
610Kb / 3P
Switch Mode LED Drivers
TRV-075 ETC2-TRV-075 Datasheet
561Kb / 2P
Switch Mode LED Drivers
VLED150W-258-C0580-X-HV ETC2-VLED150W-258-C0580-X-HV Datasheet
657Kb / 4P
Switch Mode LED Drivers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com