Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED20W-48 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LED20W-48
Description  Switch Mode LED Drivers with Isolation
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LED20W-48 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LED20W-48 Datasheet HTML 1Page - List of Unclassifed Manufacturers LED20W-48 Datasheet HTML 2Page - List of Unclassifed Manufacturers LED20W-48 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Thomas Research Products • 1225 Bowes Rd • Elgin, IL 60123 • T 847-515-3057 • F 847-515-3047 • www.trpssl.com
Pg 2 of 3
SSL Solutions Faster Than The Speed Of Light®
Dimensions - IN [mm]
3.74 [95]
0.20 [5]
0.39 [10]
0.16 [4]
0.55 [14]
5.91 [150] MIN.
0.39 .04 10 1.0
[
]
5.91 [150] MIN.
0.39 .04 10 1.0
[
]
0.79 [20]
Tc=90°C MAX.
Dimming
Purple (+)
Gray (-)
Output
Red (+)
Blue (-)
WIRE SPECS:
Input Leads: 18-AWG, Rated 600V, 105°C, min.
Output Leads: 18-AWG, Rated 600V, 105°C, min.
Dimming Leads: 22-AWG, Rated 600V, 105°C.
All wires are stranded with solder dipped ends
Input
White (N)
Black (L)
±
±
±
±
0.125 [3.2]
0.125 [3.2]
3.35 [85]
1.19
[30.2]
0.55 [14]
1.87 [47.5]
50%
Load
Power Factor / Load
60%
70%
80%
90%
100%
50%
Load
THD / Load
0%
15%
10%
5%
25%
20%
30%
35%
40%
60%
70%
80%
90%
100%
120Vac
277Vac
120Vac
277Vac
0.00
0.10
0.40
0.30
0.20
0.50
0.80
0.70
0.60
0.90
1.00
Typical Efficiency / Load
(LED20W-028-C0700-D)
75%
80%
85%
90%
100%
95%
Load
50%
60%
70%
80%
90%
100%
120Vac
277Vac
UL Conditions of Acceptability
See website for additional information
40
45
Case Hotspot Temperature (°C)
Lifetime / Case Temperature
0
60
90
115
75
15
30
45
130
50
55
60
65
70
75
80
85
90
LED20W Series
Note:
The area under the life-temperature curve represents where the driver
has highly reliable operation within specification. Driver performance
may drift out of published specifications as the hours of operation
exceed the curve at a given temperature. Higher operating
temperatures increase the chances of a failure to function.
Other electrical, mechanical and environmental factors affect
driver lifetime but are not represented in this calculation.
Safety Cert.
Standard
UL/CUL
UL8750
CSA
22.2
CE
EN61347
EMC Standard
Notes
EN61000-3-2
EN61000-3-3
Class C
FCC, 47CFR Part 15 Class B



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com