Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED100W-048 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LED100W-048
Description  Switch Mode LED Drivers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LED100W-048 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LED100W-048 Datasheet HTML 1Page - List of Unclassifed Manufacturers LED100W-048 Datasheet HTML 2Page - List of Unclassifed Manufacturers LED100W-048 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Pg 2 of 3
SSL Solutions Faster Than The Speed Of Light®
Thomas Research Products • 1225 Bowes Rd • Elgin, IL 60123 • T 847-515-3057 • F 847-515-3047 • www.trpssl.com
Dimensions - Inches (mm)
UL Conditions of Acceptability
See website for additional information
45
Case Hotspot Temperature (°C)
Lifetime/Case Temperature
(Full Load @ 120Vac)
0
100
250
200
150
300
50
350
50
55
60
65
70
75
80
85
90
50%
Load
Power Factor / Load
60%
70%
80%
90%
100%
50%
Load
THD / Load
60%
70%
80%
90%
100%
120Vac
277Vac
120Vac
277Vac
0.00
0.10
0.40
0.30
0.20
0.50
0.80
0.70
0.60
0.90
1.00
0%
20%
15%
10%
30%
25%
35%
40%
45%
50%
OUTPUT
Red (+)
Blue (-)
INPUT
Black (L)
White (N)
Green/Yellow (GND)
Dimming
Purple (+)
Gray (-)
WIRE SPECS:
Input Leads: 18 AWG, rated 600 V, 105C, min.
Output Leads: 18 AWG, rated 300 V, 105C, min.
Dimming Leads: 22 AWG, rated 300 V, 105C.
All wires are stranded with solder dipped ends.
2.24±0.12 [57.0±3]
2.24±0.12 [57.0±3]
6.81 [173.0]
6.42 [163.0]
7.25 [184.0]
5.91 Min [150 Min]
0.39±0.04 [10±1]
5.91 Min [150 Min]
0.39±0.04 [10±1]
Tc = 90°C max
0.24 [6]
0.90 [22.8]
3.21 [81.5]
LED100W Series
Safety Cert.
Standard
UL/CUL
UL8750 & CAN/CSA-22.2
CE
EN 61347
EMC Standard
Notes
FCC, 47CFR Part 15 Class B
EN 61000-3-2
EN 61000-3-3
Class C
EN 61000-4-5
2 kV/4 kV 8/20µsec
Note:
The area under the life-temperature curve represents where the driver
has highly reliable operation within specification. Driver performance
may drift out of published specifications as the hours of operation
exceed the curve at a given temperature. Higher operating
temperatures increase the chances of a failure to function.
Other electrical, mechanical and environmental factors affect
driver lifetime but are not represented in this calculation.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com