Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S-1702 Datasheet(PDF) 21 Page - Seiko Instruments Inc

Part # S-1702
Description  Built-in overcurrent protection circuit
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1702 Datasheet(HTML) 21 Page - Seiko Instruments Inc

Back Button S-1702 Datasheet HTML 17Page - Seiko Instruments Inc S-1702 Datasheet HTML 18Page - Seiko Instruments Inc S-1702 Datasheet HTML 19Page - Seiko Instruments Inc S-1702 Datasheet HTML 20Page - Seiko Instruments Inc S-1702 Datasheet HTML 21Page - Seiko Instruments Inc S-1702 Datasheet HTML 22Page - Seiko Instruments Inc S-1702 Datasheet HTML 23Page - Seiko Instruments Inc S-1702 Datasheet HTML 24Page - Seiko Instruments Inc S-1702 Datasheet HTML 25Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
SUPER-LOW CURRENT CONSUMPTION 150 mA VOLTAGE REGULATOR WITH BUILT-IN HIGH-ACCURACY VOLTAGE DETECTOR AND RESETINPUT FUNCTION
Rev.2.2_01
S-1702 Series
21
Operation
1. Control of S-1702 Series by using ON / OFF and RESX pins
1. 1 Starting and stopping regulator block
The regulator block can be started and stopped according to the combination of the ON / OFF and RESX pins.
The regulator block switches off the output transistor between the VIN pin and VOUT pin and reduces current
consumption significantly.
The detector block is operating during this period, so only the amount of current consumed by the detector block
flows in the S-1702 Series.
1. 2 Regulator output (VOUT) control: discharge shunt function *1
The regulator output (VOUT) can be controlled by combining the ON / OFF and RESX pins.
In the product types having a discharge shunt circuit*1 (Axx, Bxx, Cxx, Exx, Fxx, Gxx, Jxx, Lxx, Nxx), this circuit
forcibly sets the regulator output (VOUT) the VSS level*1.
In the product types that do not have a discharge shunt circuit*1 (Dxx, Hxx, Kxx, Mxx, Pxx), the regulator output
(VOUT) is set at the VSS level by a division resistor of several M
Ω between the VOUT pin and VSS pin.
*1. For details of a discharge shunt circuit, refer to “2. 2. 2 Discharge shunt function” in “2. Regulator
Block”.
1. 3 Detector output voltage (VDOUT) control: forcible assertion function
The detector output voltage (VDOUT) is forcibly asserted to the VSS level by combining the ON / OFF and RESX
pins.
When the forcible assertion function is not being used, the result of detection by the detector (release status: “H”,
detection status: “L”) is output from the VDOUT pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com