Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC848CDW Datasheet(PDF) 2 Page - Yea Shin Technology Co., Ltd

Part # BC848CDW
Description  Dual General Purpose Transistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

BC848CDW Datasheet(HTML) 2 Page - Yea Shin Technology Co., Ltd

  BC848CDW Datasheet HTML 1Page - Yea Shin Technology Co., Ltd BC848CDW Datasheet HTML 2Page - Yea Shin Technology Co., Ltd BC848CDW Datasheet HTML 3Page - Yea Shin Technology Co., Ltd BC848CDW Datasheet HTML 4Page - Yea Shin Technology Co., Ltd BC848CDW Datasheet HTML 5Page - Yea Shin Technology Co., Ltd BC848CDW Datasheet HTML 6Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
http://www.yeashin.com
2
REV.02 20120903
BC847BDW/BC848CDW
ELECTRICAL CHARACTERISTICS
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Breakdown Voltage
V (BR)CEO
V
(I C = 10 mA)
BC846 Series
65
—
—
BC847 Series
45
—
—
BC848 Series
30
—
—
Collector–Emitter Breakdown Voltage
V (BR)CES
V
(I C = 10
µA, V
EB = 0)
BC846 Series
80
—
—
BC847 Series
50
—
—
BC848 Series
30
—
—
Collector–Base Breakdown Voltage
V (BR)CBO
V
(I C = 10
µA)
BC846 Series
80
—
—
BC847 Series
50
—
—
BC848 Series
30
—
—
Emitter–Base Breakdown Voltage
V (BR)EBO
V
(I E = 1.0
µA)
BC846 Series
6.0
—
—
BC847 Series
6.0
—
—
BC848 Series
5.0
—
—
Collector Cutoff Current
(V CB = 30 V)
I CBO
——
15
nA
(V CB = 30 V, T A = 150°C)
—
—
5.0
µA
ON CHARACTERISTICS
DC Current Gain
h
FE
—
(I
C = 10 µA, V CE = 5.0 V)
BC846B, BC847B, BC848B
—
150
—
BC847C, BC848C
—
270
—
(I
C = 2.0 mA, V CE = 5.0 V)
BC846B, BC847B, BC848B
200
290
450
BC847C, BC848C
420
520
800
Collector–Emitter Saturation Voltage (I
C = 10 mA, I B = 0.5 mA)
V
CE(sat)
—
—
0.25
V
Collector–Emitter Saturation Voltage
( I
C = 100 mA, I B = 5.0 mA)
—
—
0.6
Base–Emitter Saturation Voltage (I
C = 10 mA, I B = 0.5 mA)
V
BE(sat)
—
0.7
—
V
Base–Emitter Saturation Voltage
(I
C = 100 mA, I B = 5.0 mA)
—
0.9
—
Base–Emitter Voltage (I
C = 2.0 mA, V CE = 5.0 V)
V
BE(on)
580
660
700
mV
Base–Emitter Voltage
(I
C = 10 mA, V CE = 5.0 V)
—
—
770
SMALL–SIGNAL CHARACTERISTICS
Current–Gain — Bandwidth Product
f T
100
—
—
MHz
(I C = 10 mA, V CE = 5.0 Vdc, f = 100 MHz)
Output Capacitance (V CB = 10 V, f = 1.0 MHz)
C obo
—
—
4.5
pF
Noise Figure (I C = 0.2 mA,
NF
dB
V CE = 5.0 V dc, R S = 2.0 k
Ω, BC846B, BC847B, BC848B
—
—
10
f = 1.0 kHz, BW = 200 Hz)
BC847C, BC848C
—
—
4.0



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com