Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT5087 Datasheet(PDF) 2 Page - Yea Shin Technology Co., Ltd

Part # MMBT5087
Description  Low Noise Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

MMBT5087 Datasheet(HTML) 2 Page - Yea Shin Technology Co., Ltd

  MMBT5087 Datasheet HTML 1Page - Yea Shin Technology Co., Ltd MMBT5087 Datasheet HTML 2Page - Yea Shin Technology Co., Ltd MMBT5087 Datasheet HTML 3Page - Yea Shin Technology Co., Ltd MMBT5087 Datasheet HTML 4Page - Yea Shin Technology Co., Ltd MMBT5087 Datasheet HTML 5Page - Yea Shin Technology Co., Ltd MMBT5087 Datasheet HTML 6Page - Yea Shin Technology Co., Ltd MMBT5087 Datasheet HTML 7Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
http://www.yeashin.com
2
REV.02 20120403
MMBT5087
ELECTRICAL CHARACTERISTICS
ELECTRICAL CHARACTERISTICS (T A = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
M a x
Unit
ON CHARACTERISTICS
DC Current Gain
h FE
––
(I C = –100
µAdc, V
CE = –5.0 Vdc)
250
800
(I C = –1.0 mAdc, V CE = –5.0 Vdc)
250
––
(I C = –10 mAdc, V CE = –5.0 Vdc)
250
––
Collector–Emitter Saturation Voltage
V CE(sat)
––
– 0.3
Vdc
(I C = –10 mAdc, I B = –1.0 mAdc)
Base–Emitter Saturation Voltage
V BE(sat)
––
– 0.85
Vdc
(I C = –10 mAdc, I B = –1.0 mAdc)
SMALL–SIGNAL CHARACTERISTICS
Current–Gain — Bandwidth Product
f T
40
—
MHz
(I C = –500
µAdc, V
CE= –5.0 Vdc, f = 20 MHz)
Output Capacitance
C obo
—
4.0
pF
(V CB= –5.0 Vdc, I E = 0, f = 1.0 MHz)
Small–Signal Current Gain
h fe
250
900
—
(I C= –1.0mAdc, V CE = –5.0Vdc, f = 1.0 kHz)
Noise Figure
N F
dB
(I C = –20 mAdc, V CE= –5.0 Vdc,Rs=10k
Ω, f = 1.0 kHz)
—
2.0
(I C = –100
µAdc, V
CE= –5.0 Vdc,R
s=3.0k
Ω, f = 1.0 kHz)
—
2.0



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com