Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2-59676-3 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 2-59676-3
Description  Read these instructions and referenced documents before crimping any splices
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2-59676-3 Datasheet(HTML) 2 Page - Tyco Electronics

  2-59676-3 Datasheet HTML 1Page - Tyco Electronics 2-59676-3 Datasheet HTML 2Page - Tyco Electronics 2-59676-3 Datasheet HTML 3Page - Tyco Electronics 2-59676-3 Datasheet HTML 4Page - Tyco Electronics 2-59676-3 Datasheet HTML 5Page - Tyco Electronics 2-59676-3 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
408- 1634
Die Assemblies 45218, 45221, 69303- 2, and 69820
Rev C
2
of 6
Tyco Electronics Corporation
Typical Closed--End
Splice
Wire Strip Length (Ref)
SPLICE
INSTRUCTION SHEET FOR WIRE STRIP
SIZE
TYPE
INSTRUCTION SHEET FOR
WIRE COMBINATIONS
WIRE STRIP
LENGTH
22 16
ECV
408--1395
(6.73 [.265] Splice
Min Opening Diameter)
7.94--8.73
[.312--.344]
22--16
ECV
408--2228
(6.48 [.255] Splice
Min Opening Diameter)
10.32--11.90
[.406--.469]
VS
408--1394
22--14
ECN
408--1271
(Transparent Splice)
8.33--9.13
[ 328-- 359]
ECN
408--8806
(Black Splice)
[.328--.359]
22 10
ECV
408--1002
14.29--15.87
[.562--.625]
22--10
ECN
408--1021
10.72--11.51
[.422--.453]
Figure 2
4. Hold the wires in place, and actuate the tooling
through a complete cycle.
5. Allow the dies to open FULLY, then remove the
crimped splice (if splice is difficult to remove, twist
splice one--quarter turn). Inspect the crimped splice
accordingtoFigure4.
For detailed information on inspection
requirements, refer to Application Specification
114--2147 for nylon splices and 114--2149 for
vinyl splices.
5. INSULATION CRIMP ADJUSTMENT
(For Die Assembly 69820 Only)
The moving die has three insulation adjustment
settings to adjust the wire insulation grip: 1—Tight,
2—Medium, and 3—Loose. To determine the proper
insulation crimp setting, proceed as follows (refer to
Figure 5):
1. Remove the moving die from the tool.
2. Loosen, but do not remove, the die screw. Set
the insulation crimp adjustment to Setting 1 (as
described in Figure 5).
Figure 3
Shoulder Resting
Against Die Ejector
Endof WireBarrel
Resting Against
Die Locator
Nylon Splices
Vinyl Splice
Front of Wire Barrel
Resting Against Wire
Barrel Section of Die
Nylon or Vinyl Splice in Die Assembly 69820
Figure 4
Crimp Centered on Wire Barrel (May Be
Off Center But Not Off End of Wire Barrel)
Properly Stripped Wires
Bottomed in Splice
Correct Wire Size
Combination
No Nicked or Missing
Wire Strands
NOTE
i



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com