Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

69872 Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # 69872
Description  Application and Maintenance for Crimping Die Assemblies for Tape-Mounted PIDG and PLASTI-GRIP Terminals and Splices
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

69872 Datasheet(HTML) 1 Page - TE Connectivity Ltd

  69872 Datasheet HTML 1Page - TE Connectivity Ltd 69872 Datasheet HTML 2Page - TE Connectivity Ltd 69872 Datasheet HTML 3Page - TE Connectivity Ltd 69872 Datasheet HTML 4Page - TE Connectivity Ltd 69872 Datasheet HTML 5Page - TE Connectivity Ltd 69872 Datasheet HTML 6Page - TE Connectivity Ltd 69872 Datasheet HTML 7Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1 of 7
© 2014 TE Connectivity family of companies
All Rights Reserved
*Trademark
TE Connectivity, TE connectivity (logo), and TE (logo) are trademarks. Other logos, product, and/or company names may be trademarks of their respective owners.
TOOLING ASSISTANCE CENTER 1-800-722-1111
PRODUCT INFORMATION 1-800-522-6752
This controlled document is subject to change.
For latest revision and Regional Customer Service,
visit our website at www.te.com.
Instruction Sheet
408-2423
08 APR 14
Rev B
Figure 1
1. INTRODUCTION
The crimping dies listed on this instruction sheet are recommended for crimping the PIDG and PLASTI-GRIP
tape-mounted terminals and splices indicated in Figure 2. The PIDG terminals and splices are used on
stranded copper wire, and the PLASTI-GRIP terminals and splices are used with solid or stranded copper wire.
The dies are designed to be used in AMP-TAPETRONIC* Machine 69875. Refer to Customer Manual
409-1993, packaged with the machine, for information concerning die installation, crimp adjustments, crimping
procedures, and general operation of the machine.
This instruction sheet covers die selection, crimping instructions, and die maintenance and inspection
procedures. Read these instructions thoroughly before crimping any terminals or splices.
NOTE
Measurements are in millimeters [followed by inch equivalents in brackets]. Figures and illustrations are for identification only
and are not drawn to scale.
Reasons for reissue are provided in Section 7, REVISION SUMMARY.
2. DESCRIPTION (Figure 1)
Each die assembly features two stationary dies (anvils) and two moving dies (crimpers), a saddle, and
attaching hardware. One pair of dies (one anvil and one crimper) forms a crimping chamber for the terminal or
splice wire barrel, and the other pair of dies crimps the insulation barrel.
Each half of the die assembly is secured in the machine by a captive screw. The dies are color coded
according to wire size for easy identification. When the terminal or splice is properly crimped in the correct dies,
one or two dots (depending on wire size) will appear on the top and bottom of the terminal or splice.
Application and Maintenance for Crimping
Die Assemblies for Tape-Mounted PIDG*
and PLASTI-GRIP* Terminals and Splices
Moving Die
Wire Barrel
Crimper
Color Code
Dot
Insulation
Crimper
Wire Barrel
Anvil
Stationary Die
Die Holding
Screw
Saddle Screw
Saddle
Insulation
Anvil
Color Code
Dot
Die Holding
Screw


Similar Part No. - 69872

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
6987 FILTRAN-6987 Datasheet
61Kb / 1P
Inductors National?셲 150 KHz SIMPLE SWITCHER
logo
Molex Electronics Ltd.
6987 MOLEX5-6987 Datasheet
92Kb / 1P
TERMINAL FOR USE
logo
Belden Inc.
69873 BELDEN-69873 Datasheet
389Kb / 4P
Fast Ethernet Cat5e Data Double-Ended Cordset
02-03-2025
More results

Similar Description - 69872

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
68010 MACOM-68010 Datasheet
653Kb / 9P
Crimping Die Assemblies for COPALUM Sealed Terminals and Splices
53041 MACOM-53041 Datasheet
153Kb / 6P
Standard Terminals and Splices
logo
TE Connectivity Ltd
408-32087 TEC-408-32087 Datasheet
1Mb / 17P
Crimping Die Assemblies and Supports for COPALUM Lite Sealed Terminals and Splices
408-2575 TEC-408-2575 Datasheet
131Kb / 1P
Tool and Die Selection Chart for AMP Terminals and Splices
408-2614 TEC-408-2614 Datasheet
314Kb / 5P
Tool and Die Selection for TE Terminals and Splices
logo
Tyco Electronics
408-2353 MACOM-408-2353 Datasheet
317Kb / 12P
Crimping Die Assemblies for COPALUM Terminals and Splices and HF- 30 Pin and Socket Contacts
408-4199 MACOM-408-4199 Datasheet
346Kb / 7P
This instruction sheet covers the application and maintenance procedures for Crimping Die Assembly
logo
TE Connectivity Ltd
408-2567 TEC-408-2567 Datasheet
236Kb / 1P
Tool and Die Selection Chart for Insulated PIDG*, PLASTI-GRIP*, DIAMOND GRIP* and Budget Terminals and Splices (30 to 10 AWG)
408-8609 TEC-408-8609 Datasheet
175Kb / 4P
This instruction sheet covers the use and maintenance of Crimping Die Assemblies
408-9227 TEC-408-9227 Datasheet
134Kb / 4P
Application and Maintenance for Crimping Die Assemblies
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com