Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4560VJD Datasheet(PDF) 49 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4560VJD
Description  Advanced PCI Audio Accelerator
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4560VJD Datasheet(HTML) 49 Page - National Semiconductor (TI)

Back Button LM4560VJD Datasheet HTML 45Page - National Semiconductor (TI) LM4560VJD Datasheet HTML 46Page - National Semiconductor (TI) LM4560VJD Datasheet HTML 47Page - National Semiconductor (TI) LM4560VJD Datasheet HTML 48Page - National Semiconductor (TI) LM4560VJD Datasheet HTML 49Page - National Semiconductor (TI) LM4560VJD Datasheet HTML 50Page - National Semiconductor (TI) LM4560VJD Datasheet HTML 51Page - National Semiconductor (TI) LM4560VJD Datasheet HTML 52Page - National Semiconductor (TI) LM4560VJD Datasheet HTML 53Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 54 page
background image
4.0 Functional Description (Continued)
Read/Write
Bit
7..1
reserved
Bit 0
0
AGC disable
1
AGC enable
MX44 Treble Left Control
Default 80h
Read/Write
Bit 7..4 16 level treble left control
Bit 3..0 reserved
MX45 Treble Right Control
Default 80h
Read/Write
Bit 7..4 16 level treble right control
Bit 3..0 reserved
MX46 Bass Left Control
Default 80h
Read/Write
Bit 7..4 16 level bass left control
Bit 3..0 reserved
MX47 Bass Right Control
Default 80h
Read/Write
Bit 7..4 16 level bass right control
Bit 3..0 reserved
4.2.1.21 SB16 Configuration/Status Register
MX80 Sound Blaster Interrupt Setup Register
Default 00h
Read/Write
Bit
7..6
reserved (read as 1)
Bit 5
1
IRQ12 is used as legacy SB interrupt
line
Bit 4
1
IRQ11 is used as legacy SB interrupt
line
Bit 3
1
IRQ10 is used as legacy SB interrupt
line
Bit 2
1
IRQ7 is used as legacy SB interrupt
line
Bit 1
1
IRQ5 is used as legacy SB interrupt
line
Bit 0
1
IRQ9 is used as legacy SB interrupt
line
Only 1 bit of this register can be set 1 at any one time
Content of this register must be consistent with header 1 in-
terrupt line configuration register.
MX81 Sound Blaster DMA Channel Setup Register
Default 00h
Read/Write
Bit
7..2
reserved (read as 0)
Bit 1
1
legacy DMA channel 1 is used as
legacy SB DMA channel
Bit 0
1
legacy DMA channel 0 is used as
legacy SB DMA channel
Only 1 bit of this register can be set 1 at any one time
Content of this register must be consistent with CR1 on SB
DMA channel setup.
MX82 Sound Blaster Interrupt Status Register
Default 00h
Read Only
Bit
7..3
reserved
Bit 2
1
MPU-401 MIDI interrupt request
Bit 1
1
Sound Blaster Bx type command DMA
interrupt request
Bit 0
1
Sound Blaster Non-Bx type command
DMA interrupt request
0: no interrupt
1: interrupt triggered
4.2.1.22 Interface With Wave Engine
4.2.1.22.1 Interfaced Register
All registers that physically implemented in wave engine are
addressed using the 3-bit wide address line and 8-bit wide
unidirectional data line initiated by Sound Blaster ESP Emu-
lation Engine. These registers are considered to be the pe-
ripheral registers of implemented SB ESP engine.
4.2.1.22.2 SB ESP DMA Control Register
4.2.1.22.2.1 SBDMPD Direct Mode Playback Data Register
SB ESP Address: 6h
Size: 8 bits
Type: Write Only For SB ESP
Read Only For Wave Engine
Default: 80h
Bit 7..0 Direct Mode Playback Data
Any time after this register has ever been written, a Direct-
ModePlay internal flag will be set by wave engine. This flag
will
be
cleared
when
ESPRESET
is
active
or
LegacyDMARun is active. When this flag is active, the un-
signed 8 bit PCM data will be output to AC-97 Codec.
4.2.1.22.2.2 SBE2R DMA Testing Byte Register
SB ESP Address: 7h
Size: 8 bits
Type: Write Only For SB ESP
Read Only For Wave Engine
Default: 00h
Bit 7..0 testing byte that will be transferred to system location
specified by DMAR0–3.
After this register has ever been written, E2Status (source
from wave engine) will be set high. E2Status will be cleared
after the testing byte has been sent to the system location.
4.2.1.22.2.3 SBDMAC SB DMA Current Block Length Low
Byte
SB ESP Address: 0h
Size: 8 bits
Type: Write Only For SB ESP
Read Only For Wave Engine
www.national.com
49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com