Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCFN Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # PCFN
Description  Electrical grid disconnects
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

PCFN Datasheet(HTML) 1 Page - TE Connectivity Ltd

  PCFN Datasheet HTML 1Page - TE Connectivity Ltd PCFN Datasheet HTML 2Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PCFN
SOLAR
High Performance
Power PCB Relay
INTELLIGENT BUILDINGS/// POWER PCB RELAY PCFN SOLAR
TE Connectivity has expanded the PCFN Solar Relay line to include
a new high performance relay with larger ( > 1.8 mm) contact gaps
to support extended insulation requirements for use in photovoltaic
applications. With the same mechanical dimensions as the standard
PCFN solar relays, the new high performance version has increased
thermal performance up to 90°C and features a 1.5 W coil with low
holding power of 200 mW to help lower energy costs.
Contact data
• Contact arrangement:
1 form A (NO)
• Contact gap:
> 1.8 mm
• Rated voltage:
277 VAC
• Rated current:
26 A at 75 °C,
• Breaking capacity max.:
7200 VA
• Contact material:
AgSnO2
Coil Data
• Rated coil voltage:
12 VDC and 24 VDC
• UL coil insulation system:
Class F
• Rated coil power:
1.5 W 1
Insulation Data
• Initial dielectric strength:
Open contacts:
2500 V rms
Contact and coil:
4000 V rms
• Clearance/creepage:
6.1 mm
Mechanical
• Ambient temperature:
-25 to + 90 °C 1
• Vibration resistance:
10g
• Shock resistance:
100g
Key Benefits
• Compact size for PCB
applications
• Meets IEC 62109-2
requirement for > 1.8 mm
contact gap
• Energy efficient holding
power of 200 mW
Applications
• Photovoltaic inverters
• Charging stations
• Electrical grid disconnects
1
Ambient temperature: >23 °C requires reduction of coil voltage to 37%...50% of rated coil voltage after 100 ms


Similar Part No. - PCFN

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PCFN MACOM-PCFN Datasheet
113Kb / 2P
Power PCB Relay
PCFN MACOM-PCFN Datasheet
143Kb / 2P
Power PCB Relay PCFN Solar
logo
TE Connectivity Ltd
PCFN SOLAR TEC-PCFN SOLAR Datasheet
7Mb / 38P
RELAYS, CONTACTORS & CIRCUIT BREAKERS
02/20 JN
logo
Tyco Electronics
PCFN-106D2M MACOM-PCFN-106D2M Datasheet
268Kb / 2P
25A Miniature Power PC Board Relay
PCFN-106D2M000 MACOM-PCFN-106D2M000 Datasheet
268Kb / 2P
25A Miniature Power PC Board Relay
More results

Similar Description - PCFN

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
DV10-250 PANDUIT-DV10-250 Datasheet
54Kb / 1P
FEMALE DISCONNECTS, VINYL INSULATED
DNFR14-206FIB PANDUIT-DNFR14-206FIB Datasheet
69Kb / 1P
RIGHT ANGLE FULLY INSULATED FEMALE DISCONNECTS
logo
List of Unclassifed Man...
HBLDS6SSAC ETC2-HBLDS6SSAC Datasheet
891Kb / 12P
Manual Motor Controllers and Disconnects
logo
Molex Electronics Ltd.
0640031600 MOLEX11-0640031600 Datasheet
31Kb / 1P
Hand Crimp Tool Krimptite Quick Disconnects
logo
List of Unclassifed Man...
IP55 ETC2-IP55 Datasheet
138Kb / 1P
Switched Disconnects
B221-30F ETC1-B221-30F Datasheet
676Kb / 2P
Fused and non-fused HVAC disconnects
logo
Maxim Integrated Produc...
MAX1797EVKIT MAXIM-MAX1797EVKIT Datasheet
96Kb / 4P
Output Disconnects from Input During Shutdown
Rev 0; 2/01
logo
Molex Electronics Ltd.
64003-1500 MOLEX-64003-1500 Datasheet
519Kb / 9P
Tool Kit for High Temperature Female Quick Disconnects
01-08-14
logo
ABB
ERG4006 ABB-ERG4006 Datasheet
81Kb / 2P
ERGO CRIMP TOOL RZ,110 DISCONNECTS
2022
logo
Littelfuse
24025-03 LITTELFUSE-24025-03 Datasheet
352Kb / 1P
INTERMITTENT DUTY SINGLE POLE BATTERY DISCONNECTS
2019 Rev: 020819
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com