Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RTH Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # RTH
Description  5kV/10mm coil-contact
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

RTH Datasheet(HTML) 2 Page - TE Connectivity Ltd

  RTH Datasheet HTML 1Page - TE Connectivity Ltd RTH Datasheet HTML 2Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
10-2014, Rev. 1014
www.te.com
© 2014 Tyco Electronics Corporation,
a TE Connectivity Ltd. company.
Catalog and product specification according
to IEC 61810-1 and to be used only together
with the ‘Definitions’ section.
Catalog and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Catalog product data, ‘Definitions’ section,
application notes and all specifications are
subject to change.
SCHRACK
General Purpose
Low Power PCB Relays
Power PCB Relay RTH 105°C 16A (Continued)
Other Data
Material compliance: EU RoHS/ELV, China RoHS, REACH, Halogen content
refer to the Product Compliance Support Center at
www.te.com/customersupport/rohssupportcenter
Resistance to heat and fire
WG version
according EN 60335-1, par.30
Ambient temperature
-40 to 105°C
Category of environmental protection
IEC 61810
RTII - flux proof
Vibration resistance (functional)
form A/form B contact, 30 to 150Hz
20/5g
Shock resistance (destructive)
100g
Terminal type
PCB-THT
Weight
14g
Resistance to soldering heat THT
IEC 60068-2-20
270°C/10s
Packaging/unit
tube/20 pcs., box/500 pcs.
PCB layout / terminal assignment
Dimensions
16A, pinning 5mm
1 form C (CO) contact
1 form A (NO) contact
*) With the recommended PCB hole sizes a grid
pattern from 2.5mm to 2.54mm can be used.
Product code structure
Typical product code
RT
H
3
4
012
WG
Type
RT Power PCB Relay RTH 105°C 16A
Version
H 16A, pinning 5mm, 105°C
Contact configuration
1
1 form C (CO) contact
3
1 form A (NO) contact
H 1 form A (NO) contact „High Performance“
Contact material
4
AgNi 90/10
Coil
Coil code: please refer to coil versions table
Version
Blank
Standard version
WG
Product in accordance with IEC 60335-1 (domestic appliances)
Product code
Version
Contact configuration Contact Material
Coil
Part number
RTH14012
16A, 105°C
1 form C (CO)
AgNi 90/10
12VDC
8-1415006-1
RTH14012WG
contact
1-1415538-1
RTH14024WG
24VDC
9-1415535-4
RTH34012
1 form A (NO)
12VDC
9-1415006-1
RTH34012WG
contact
1-1415536-9
RTH34024
24VDC
1415039-1
RTH34024WG
2-1415536-0
RTHH4009WG
16A, 105°C,
9VDC
1-1415540-6
RTHH4012
High Performance
12VDC
8-1415047-1
RTHH4012WG
4-1415536-2
RTHH4024
24VDC
9-1415047-1
This list represents the most common types and does not show all variants covered by this datasheet.
Other types on request.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com