Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP4200SC Datasheet(PDF) 2 Page - JIEJIE MICROELECTRONICS CO.,Ltd

Part # CP4200SC
Description  Excellent capability of absorbing transient surge
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIEJIE [JIEJIE MICROELECTRONICS CO.,Ltd]
Direct Link  http://www.jiejie-cn.com
Logo JIEJIE - JIEJIE MICROELECTRONICS CO.,Ltd

CP4200SC Datasheet(HTML) 2 Page - JIEJIE MICROELECTRONICS CO.,Ltd

  CP4200SC Datasheet HTML 1Page - JIEJIE MICROELECTRONICS CO.,Ltd CP4200SC Datasheet HTML 2Page - JIEJIE MICROELECTRONICS CO.,Ltd CP4200SC Datasheet HTML 3Page - JIEJIE MICROELECTRONICS CO.,Ltd CP4200SC Datasheet HTML 4Page - JIEJIE MICROELECTRONICS CO.,Ltd CP4200SC Datasheet HTML 5Page - JIEJIE MICROELECTRONICS CO.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CP4200Sx Series
JieJie Microelectronics CO. , Ltd
TEL:+86-513-83639777
- 2 / 5-
http://www.jjwdz.com
ELECTRICAL CHARACTERISTICS (TA=25℃, continued)
Part
Number
IDRM@VDRM
VS
①@I
S
VT@ IT
IH
CO
②
Marking
μA
V
V
mA
V
A
mA
pF
max
max
max
max
max
max
max
CP4200SB
5
400
520
800
4
2.2
100
25
CP42B
CP4200SC
5
400
520
800
4
2.2
100
30
CP42C
CP4200SD
5
400
520
800
4
2.2
100
35
CP42D
Vs is measured at 100KV/
①
s
② Off-state capacitance is measured in VDC=2V, VRMS=1V, f=1MHz
SURGE RATINGS
Surge
peak
Series
B
C
D
10/700us
4 KV
6 KV
8 KV
ORDERING INFORMATION
CP
420
0
S
B
low capacitance
sidactor
Median Voltage
Package type:SMB
Surge Ratings
0:Bi-direction,1:Uni
MARKING
CP42B : Device Marking Code
1409: In ninth week, 2014
1409
CP42B



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com