Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3KP Datasheet(PDF) 2 Page - JIEJIE MICROELECTRONICS CO.,Ltd

Part # 3KP
Description  Low zener impedance
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIEJIE [JIEJIE MICROELECTRONICS CO.,Ltd]
Direct Link  http://www.jiejie-cn.com
Logo JIEJIE - JIEJIE MICROELECTRONICS CO.,Ltd

3KP Datasheet(HTML) 2 Page - JIEJIE MICROELECTRONICS CO.,Ltd

  3KP Datasheet HTML 1Page - JIEJIE MICROELECTRONICS CO.,Ltd 3KP Datasheet HTML 2Page - JIEJIE MICROELECTRONICS CO.,Ltd 3KP Datasheet HTML 3Page - JIEJIE MICROELECTRONICS CO.,Ltd 3KP Datasheet HTML 4Page - JIEJIE MICROELECTRONICS CO.,Ltd 3KP Datasheet HTML 5Page - JIEJIE MICROELECTRONICS CO.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
3000W 3KP Series
JieJie Microelectronics CO. , Ltd
TEL:+86-513-83639777
- 2 / 5-
http://www.jjwdz.com
ELECTRICAL CHARACTERISTICS (TA=25℃)
Part Number
VR
IR@VR
VBR@IT
IT
VC@IPP
IPP
①
Uni-Polar
Bi-Polar
V
μA
min(V)
max(V)
mA
max(V)
A
3KP5.0A
3KP5.0CA
5.0
150
6.40
7.00
10
9.2
326.1
3KP6.0A
3KP6.0CA
6.0
100
6.67
7.37
10
10.3
291.3
3KP6.5A
3KP6.5CA
6.5
50
7.22
7.98
10
11.2
267.9
3KP7.0A
3KP7.0CA
7.0
20
7.78
8.60
10
12.0
250.0
3KP7.5A
3KP7.5CA
7.5
10
8.33
9.21
1
12.9
232.6
3KP8.0A
3KP8.0CA
8.0
10
8.89
9.83
1
13.6
220.6
3KP8.5A
3KP8.5CA
8.5
10
9.44
10.40
1
14.4
208.3
3KP9.0A
3KP9.0CA
9.0
10
10.00
11.10
1
15.4
194.8
3KP10A
3KP10CA
10.0
5
11.10
12.30
1
17.0
176.5
3KP11A
3KP11CA
11.0
5
12.20
13.50
1
18.2
164.8
3KP12A
3KP12CA
12.0
2
13.30
14.70
1
19.9
150.8
3KP13A
3KP13CA
13.0
2
14.40
15.90
1
21.5
139.5
3KP14A
3KP14CA
14.0
1
15.60
17.20
1
23.2
129.3
3KP15A
3KP15CA
15.0
1
16.70
18.50
1
24.4
123.0
3KP16A
3KP16CA
16.0
1
17.80
19.70
1
26.0
115.4
3KP17A
3KP17CA
17.0
1
18.90
20.90
1
27.6
108.7
3KP18A
3KP18CA
18.0
1
20.00
22.10
1
29.2
102.7
3KP20A
3KP20CA
20.0
1
22.20
24.50
1
32.4
92.6
3KP22A
3KP22CA
22.0
1
24.40
26.90
1
35.5
84.5
3KP24A
3KP24CA
24.0
1
26.70
29.50
1
38.9
77.1
3KP26A
3KP26CA
26.0
1
28.90
31.90
1
42.1
71.3
3KP28A
3KP28CA
28.0
1
31.10
34.40
1
45.4
66.1
3KP30A
3KP30CA
30.0
1
33.30
36.80
1
48.4
62.0
3KP33A
3KP33CA
33.0
1
36.70
40.60
1
53.3
56.3
3KP36A
3KP36CA
36.0
1
40.00
44.20
1
58.1
51.6
3KP40A
3KP40CA
40.0
1
44.40
49.10
1
64.5
46.5
3KP43A
3KP43CA
43.0
1
47.80
52.80
1
69.4
43.2
3KP45A
3KP45CA
45.0
1
50.00
55.30
1
72.7
41.3
3KP48A
3KP48CA
48.0
1
53.30
58.90
1
77.4
38.8
3KP51A
3KP51CA
51.0
1
56.70
62.70
1
82.4
36.4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com